Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 78Page - Advanced Micro Devices AM8530 Datasheet HTML 79Page - Advanced Micro Devices AM8530 Datasheet HTML 80Page - Advanced Micro Devices AM8530 Datasheet HTML 81Page - Advanced Micro Devices AM8530 Datasheet HTML 82Page - Advanced Micro Devices AM8530 Datasheet HTML 83Page - Advanced Micro Devices AM8530 Datasheet HTML 84Page - Advanced Micro Devices AM8530 Datasheet HTML 85Page - Advanced Micro Devices AM8530 Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–30
nization at the receiver may take longer because the first transition seen on the TxD pin
may not coincide with a bit boundary.
Note that in order for this to function properly, bits D3 and D2 of WR10 must be set to ‘1’
and ‘0’ respectively.
4.9
SDLC LOOP MODE
The SCC supports SDLC Loop mode in addition to normal SDLC. SDLC Loop mode is
very similar to normal SDLC. It is usually used in applications where a point-to-point net-
work is not appropriate (for example, point-of-sale terminals).
In an SDLC Loop there is a primary station, called the controller, that manages the mes-
sage traffic flow on the loop. SDLC Loop is a special type of configuration in which one or
more stations are connected in a serial fashion; each station is a repeater of the up-loop
data to the next down-loop station.
SDLC loop operation requires the transmission link operate in a half-duplex, one direction
only, mode. Data transmitted on the loop by the primary station are relayed from station
to station.
4.9.1
Going On Loop
There are certain restrictions as to when and how a secondary station physically be-
comes part of the loop. A secondary station that has just powered up must monitor the
loop, without the one-bit-time delay, until it recognizes an EOP. While waiting for an EOP,
the SCC ties TxD to RxD with only the internal gate delays in the signal path. When the
first EOP is recognized by the SCC, the BREAK/ABORT status bit is set in RR0, generat-
ing an External/Status interrupt (if so enabled). At the same time, the On-Loop bit in
RR10 (D4) is set to indicate that the SCC is indeed on-loop, and a one-bit time delay is
inserted in the TxD to the RxD patch. This does not disturb the loop because the line is
marking idle between the time that the controller sends the EOP and the time that it re-
ceives the EOP back. The secondary station that has gone on-loop cannot transmit a
message until a flag and the next EOP are received. The requirement that a flag be re-
ceived ensures that the SCC cannot erroneously send messages until the controller ends
the current polling sequence and starts another one. A secondary station goes off\loop in
a similar manner.
1
1
0
0
1
1
1
1
1
1
0
0
Transmitter Disabled Here
TxD Pin Output (NRZI Encoded)
High
Low
10216A-019A
Figure 4–19. Transmitter Disabling with NRZI Encoding
A secondary station in an SDLC Loop is always listening to the messages being sent
around the loop and must pass these messages to the rest of the loop by re-transmitting
them with a one-bit-time delay. When given a command to go off-loop, the secondary sta-
tion waits until the next EOP to remove the one-bit-time delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com