Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 52Page - Advanced Micro Devices AM8530 Datasheet HTML 53Page - Advanced Micro Devices AM8530 Datasheet HTML 54Page - Advanced Micro Devices AM8530 Datasheet HTML 55Page - Advanced Micro Devices AM8530 Datasheet HTML 56Page - Advanced Micro Devices AM8530 Datasheet HTML 57Page - Advanced Micro Devices AM8530 Datasheet HTML 58Page - Advanced Micro Devices AM8530 Datasheet HTML 59Page - Advanced Micro Devices AM8530 Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–4
4.2.2
Synchronous Transmission
Synchronous transmission requires that clocking information be transmitted along with
the data, either by a method of encoding data that contains clocking information, or by a
modem that encodes clock information in the modulation process. In either case, data are
sent at a defined rate which is controlled by a timing source at the transmitter.
Synchronous communication channels send data faster with less overhead than asyn-
chronous channels but are more expensive to design than asynchronous channels. In
synchronous communication, a timing reference, or “clock”, is used to control the transfer
of information. This clock specifies to the receiver when to sample the data (bit synchroni-
zation) in order to ascertain which data value (‘0’ or ‘1’) was transmitted. The optimum
sample times usually correspond to the middle of the bit cell to minimize error. This clock
signal is encoded along with the data sent so the receiver must be able to decode the
Figure 4–1. Asynchronous Format incoming clock signal. A circuit called a “phase-locked
loop” is typically used for this purpose.
In addition, since data rates are usually higher and data are typically sent with no gaps
between characters, synchronous communication requires some level of buffering at both
the transmitter and receiver.
Once bit synchronization has been established, the next phase for the receiver is to know
what group of bits constitute a character (character synchronization). This requires that
the receiver search the receive bit stream on a bit-by-bit basis for a character synchroniz-
ing pattern in order to determine which set of bits in the bit stream defines the first char-
acter transmitted.
Synchronous communication channels are found in many mainframe data networks. The
greater throughput of the synchronous channel is required in mainframe environments
where many terminals are connected to the computer and multiplexed onto one channel.
The synchronous protocols used may be either character-oriented or bit-oriented.
4.2.2.1
Synchronous Character-Oriented Protocol
In a Character-Oriented Protocol (COP) data are transmitted in message blocks and re-
quire that each block be preceded by either an 8- or 16-bit predefined “sync character”.
In addition, COPs are typically restricted to half-duplex operation and depend heavily on
special control characters or character sequences, such as SOH or DLE STX and ETX, to
determine the start and end of a particular field within a message block. IBM BISYNC is
an example of a COP. MONOSYNC, on the other hand, is a character count protocol
where both ends of the communication link keep track of the number of characters sent
and received. This solves the problem of having to use special control characters for field
delineation as used in the BISYNC protocol. The DDCMP (Digital Data Communication
Message Protocol) from DEC is another example of a character count protocol in use to-
day. MONOSYNC and BISYNC message formats are shown in Figures 4–2 and 4–3, re-
spectively.
Since sync characters are only appended to the start of a message block, additional sync
characters may be inserted within a transmission at distinct time intervals or during a
pause in order to maintain synchronization.
4.2.2.2
Synchronous Bit-Oriented
Bit-Oriented Protocols (BOP) may be used in half- or full-duplex operation and are less
dependent on special control characters. BOPs rely instead on the position of bits within
specific fields.
The most common BOPs in use today are High-Level Data Link Control (HDLC) and Syn-
chronous Data Link Control (SDLC). These two protocols are nearly identical except for
minor differences in the use of the Address and Control fields.
All SDLC information is sent in frames and follow a standard format as shown in Figure
4–4. SDLC frames begin and end with the 8-bit flag sequence, “01111110.” All stations
on the link search continuously for this flag sequence which indicates the start of a frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com