Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 87 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 87 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 83Page - Advanced Micro Devices AM8530 Datasheet HTML 84Page - Advanced Micro Devices AM8530 Datasheet HTML 85Page - Advanced Micro Devices AM8530 Datasheet HTML 86Page - Advanced Micro Devices AM8530 Datasheet HTML 87Page - Advanced Micro Devices AM8530 Datasheet HTML 88Page - Advanced Micro Devices AM8530 Datasheet HTML 89Page - Advanced Micro Devices AM8530 Datasheet HTML 90Page - Advanced Micro Devices AM8530 Datasheet HTML 91Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–35
cient transitions to allow self-clocking devices to remain in sync. Under these conditions
the equipment in use today will send sync characters in order to maintain character
phase.
In this case the receiver may want to recognize these characters and delete them from
the receive data. This function is available in the SCC by setting the Sync Character Load
Inhibit bit (D1) in WR3 to ‘1’. While this bit is set to ‘1’, the character about to be loaded
into the receive Data FIFO will be compared with the contents of WR6. If all eight bits
match the character, it is not loaded into the FIFO. Because the comparison is across
eight bits, this function works correctly only when the number of bits per character is the
same as the sync character length. Thus it cannot be used with 12- or 16-bit sync char-
acters.
Both leading sync characters and sync characters embedded in the data will be properly
removed in the case of an 8-bit sync character, but only the leading sync characters may
be properly removed in the case of a 6-bit sync character. Care must be exercised in us-
ing this feature because sync characters not transferred to the receive Data FIFO will
automatically be excluded from CRC calculation. This works properly only in the 8-bit
case.
D7
D6
D5
D4
D3
D2
D1
D0
SYNC7
SYNC1
SYNC7
SYNC3
ADR7
ADR7
SYNC6
SYNC0
SYNC6
SYNC2
ADR6
ADR6
SYNC5
SYNC5
SYNC5
SYNC1
ADR5
ADR5
SYNC4
SYNC4
SYNC4
SYNC0
ADR4
ADR4
SYNC3
SYNC3
SYNC3
1
ADR3
X
SYNC2
SYNC2
SYNC2
1
ADR2
X
SYNC1
SYNC1
SYNC1
1
ADR1
X
SYNC0
SYNC0
SYNC0
1
ADR0
X
MONOSYNC, 8 BITS
MONOSYNC, 6 BITS
BISYNC, 16 BITS
BISYNC, 12 BITS
SDLC
SDLC (ADDRESS RANGE)
D7
D6
D5
D4
D3
D2
D1
D0
SYNC7
SYNC5
SYNC15
SYNC11
0
SYNC6
SYNC4
SYNC14
SYNC10
1
SYNC5
SYNC3
SYNC13
SYNC9
1
SYNC4
SYNC2
SYNC12
SYNC8
1
SYNC3
SYNC1
SYNC11
SYNC7
1
SYNC2
SYNC0
SYNC10
SYNC6
1
SYNC1
X
SYNC9
SYNC5
1
SYNC0
X
SYNC8
SYNC4
0
MONOSYNC, 8 BITS
MONOSYNC, 6 BITS
BISYNC, 16 BITS
BISYNC, 12 BITS
SDLC
Figure 4–23. SYNC Character Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com