Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 44Page - Advanced Micro Devices AM8530 Datasheet HTML 45Page - Advanced Micro Devices AM8530 Datasheet HTML 46Page - Advanced Micro Devices AM8530 Datasheet HTML 47Page - Advanced Micro Devices AM8530 Datasheet HTML 48Page - Advanced Micro Devices AM8530 Datasheet HTML 49Page - Advanced Micro Devices AM8530 Datasheet HTML 50Page - Advanced Micro Devices AM8530 Datasheet HTML 51Page - Advanced Micro Devices AM8530 Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 194 page
background image
I/O Programming Functional Description
AMD
3–17
In this mode, the
W/REQ pin carries the Wait signal, and is open-drain when inactive and
Low when active. When the processor attempts to read data from the Receive Data FIFO
and it is empty, the SCC will assert
W/REQ until a character has reached the top of the
FIFO. This allows the use of a block-move instruction to transfer the receive data.
W/REQ
will go active in response to
RD going active, but only if RR8 (Receive Buffer) is being
accessed, either directly or via the pointers. The
W/REQ pin is released in response to
the falling edge of PCLK. Details of the timing are shown in Figure 3–7.
3.9.3
DMA Requests
The two DMA request pins,
W/REQ and DTR/REQ, can be programmed to be used as
DMA requests. The
W/REQ pin can be used as either a transmit or a receive request, but
the
DTR/REQ pin can be used only as a transmit request. Hence, for full-duplex opera-
tion, the
W/REQ pin should be used for receive and the DTR/REQ pin used for transmit.
These modes are described below.
3.9.3.1
DMA Request on Transmit (Using W/REQ)
The DMA Request on Transmit function using the
W/REQ pin is enabled by programming
WR1 as shown below.
11
0?
??
??
D7
D6 D5
D4 D3
D2 D1
D0
WR1—DMA on Transmit Function Selection
ASYNC Modes
SYNC Modes
TRxC
PCLK
WAIT
Figure 3–6. Wait on Transmit Timing
ASYNC Modes
SYNC Modes
RTxC
PCLK
WAIT
1
2
3
4
5...8
9
10
11
12
13
Figure 3–7. Wait on Receive Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com