Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 8Page - Advanced Micro Devices AM8530 Datasheet HTML 9Page - Advanced Micro Devices AM8530 Datasheet HTML 10Page - Advanced Micro Devices AM8530 Datasheet HTML 11Page - Advanced Micro Devices AM8530 Datasheet HTML 12Page - Advanced Micro Devices AM8530 Datasheet HTML 13Page - Advanced Micro Devices AM8530 Datasheet HTML 14Page - Advanced Micro Devices AM8530 Datasheet HTML 15Page - Advanced Micro Devices AM8530 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 194 page
background image
General Information
AMD
1–4
s Asynchronous capabilities:
– 5, 6, 7, or 8 bits per character
– 1, 1-1/2, or 2 stop bits
– Odd or Even Parity
– x1, 16, 32, or 64 clock modes
– Break generation and detection
– Parity, Overrun and Framing Error detection
s Character-Oriented synchronous capabilities:
– Internal or external character synchronization
– 1 or 2 sync characters in separate registers
– Automatic CRC generation/detection
s SDLC/HLDC capabilities:
– Abort sequence generation and checking
– Automatic zero bit insertion and deletion
– Automatic flag insertion between messages
– Address field recognition
– I-Field residue handling
– CRC generation/detection
– SDLC Loop mode with EOP recognition/loop entry and exit
s Receiver data registers quadruply buffered. Transmitter data register doubly buffered
s NRZ, NRZI, or FM encoding/decoding and Manchester decoding
s Baud-rate generator in each channel
s A DPLL in each channel for clock recovery
s Crystal oscillator in each channel
s Local Loopback and Auto Echo modes
In addition, the Am85C30 provides enhancements which allow it to be used more effec-
tively in high speed SDLC/HDLC applications. These enhancements include:
– 10 x 19-bit SDLC/HDLC frame status FIFO
– 14-bit SDLC/HDLC frame byte counter
– Automatic SDLC/HDLC opening Flag transmission
– Automatic SDLC/HDLC Tx Underrun/EOM Flag reset
– Automatic SDLC/HDLC CRC generator preset
– TxD forced High in SDLC NRZI mode when in mark idle
– RTS synchronization to closing SDLC/HDLC Flag
– DTR/REQ DMA request deactivation delay reduced
– External PCLK to
RTxC or TRxC synchronization requirement removed for one fourth
PCLK operation
– Reduced Interrupt response time
– Reduced Read/Write access recovery time (Trc) to 3 PCLK best case (3 1/2 PCLK
worst case)
– Improved WAIT timing
Other enhancements which make the Am85C30 more user friendly include:
– Write data valid setup time to negative edge of write strobe requirement eliminated
– Write Registers WR3, WR4, WR5, WR10 and WR7
′ are readable
– Complete reception of SDLC/HDLC CRC characters
– Lower priority interrupt masking without
INTACK generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com