Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 58 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 54Page - Advanced Micro Devices AM8530 Datasheet HTML 55Page - Advanced Micro Devices AM8530 Datasheet HTML 56Page - Advanced Micro Devices AM8530 Datasheet HTML 57Page - Advanced Micro Devices AM8530 Datasheet HTML 58Page - Advanced Micro Devices AM8530 Datasheet HTML 59Page - Advanced Micro Devices AM8530 Datasheet HTML 60Page - Advanced Micro Devices AM8530 Datasheet HTML 61Page - Advanced Micro Devices AM8530 Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–6
D7
X
D6
X
D5
1
D4
0
D3
0
D2
0
D1
?
D0
?
SDLC Mode
D7
X
D6
X
D5
0
D4
0
D3
0
D2
0
D1
?
D0
?
MONOSYNC Mode
D7
X
D6
X
D5
0
D4
1
D3
0
D2
0
D1
?
D0
?
BISYNC Mode
D7
?
D6
?
D5
X
D4
X
D3
D2
D1
?
D0
?
ASYNC Mode
0
1
1
1
0
1
— 1 Stop Bit
— 1 1/2 Stop Bits
— 2 Stop Bits
WR4
WR4
WR4
WR4
WR4—Mode Settings
4.4
RECEIVER OVERVIEW
The receiver performs all the functions necessary to convert serial data back to parallel
for the processor. The receiver block diagram is shown in Figure 4–5.
Serial data on the RxD pin is sampled on the rising edge of RTxC and passes through a
one bit delay before either passing to the NRZI decode logic, or, depending on the mode,
the Receive SYNC Register, 3-bit delay, or Receive Shift Register. Once a character has
been assembled in the Receive Shift Register it is transferred to the 3 x 8-bit Receive
Data FIFO, and the Receive Character Available status bit in RR0 (D0) is set to alert the
processor that a character is available. This arrangement creates a 3-byte delay time
which allows the CPU time to service an interrupt at the beginning of a block of high-
speed data.
Every character transferred to the Receive Data FIFO is checked for errors, or Special
Conditions, by the Receive Error Logic. This status is loaded into the Receive Error FIFO
so that the status associated with each character can be read with that character through
RR1. If receive interrupts are disabled then reading a character from the Receive Data
FIFO moves the next character and its status to the top of the FIFO; so if status is needed
for a character received, RR1 must be read prior to reading RR8 (Receive Buffer). If
status is read after the data is read, the error data, if any, for the next character in the Er-
ror FIFO will be included also. If, however, operations are being performed rapidly
enough before the next character is received, then the status will be valid. However, if
certain receive interrupts are enabled, the interrupt will not be generated until the charac-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com