Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 77 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 77 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 73Page - Advanced Micro Devices AM8530 Datasheet HTML 74Page - Advanced Micro Devices AM8530 Datasheet HTML 75Page - Advanced Micro Devices AM8530 Datasheet HTML 76Page - Advanced Micro Devices AM8530 Datasheet HTML 77Page - Advanced Micro Devices AM8530 Datasheet HTML 78Page - Advanced Micro Devices AM8530 Datasheet HTML 79Page - Advanced Micro Devices AM8530 Datasheet HTML 80Page - Advanced Micro Devices AM8530 Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–25
D
C 0
D
D
D
D
C 0
C 1
C 2
C 3
C 4
C 5
C 6
C 7
C 7
C 8
C 9
C 10 C 11 C 12 C 13 C 14
C 8
C 9 C 10 C 11 C 12 C 13 C 14 C 15
Residue
Code
0 1 2
1 1 1
D
D
D
D
D
C 0
C 1
C 2
C 3
C 4
C 5
C 6
C 6
C 7
C 8
C 9
C 10 C 11 C 12 C 13
C 8
C 9
C 10 C 11 C 12 C 13 C 14 C 15
Residue
Code
0 1 2
1 0 0
D
D
D
D
D
D
C 0
C 1
C 2
C 3
C 4
C 5
C 5
C 6
C 7
C 8
C 9
C 10 C 11 C 12
C 8
C 9
C 10 C 11 C 12 C 13 C 14 C 15
Residue
Code
0 1 2
0 1 0
D
D
D
D
D
C 0
C 1
C 2
C 3
C 4
C 4
C 5
C 6
C 7
C 8
C 9
C 10 C 11
C 8
C 9
C 10 C 11 C 12 C 13 C 14 C 15
Residue
Code
0 1 2
1 1 0
D
D
D
D
D
D
D
D
D
D
C 0
C 1
C 2
C 3
C 3
C 4
C 5
C 6
C 7
C 8
C 9
C 10
Residue
Code
0 1 2
0 0 1
D
D
D
C
C
C
C
C
C
C
C
8
9
10
11
12
13
14
15
D
D
D
D
D
D
D
D
D
D
D
D
D
D
D
D
D
D
C 0
C 1
C 2
C 2
C 3
C 4
C 5
C 6
C 7
C 8
C 9
Residue
Code
0 1 2
1 0 1
D
D
D
C
C
C
C
C
C
C
C
8
9
10
11
12
13
14
15
D
D
D
D
D
D
D
D
D
D
D
D
C 0
C 1
C 1
C 2
C 3
C 4
C 5
C 6
C 7
C 8
Residue
Code
0 1 2
0 1 1
D
D
D
C
C
C
C
C
C
C
C
8
9
10
11
12
13
14
15
D
D
D
D
D
D
10216A-017A
Figure 4–17. Seven Bits/Character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com