Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 64Page - Advanced Micro Devices AM8530 Datasheet HTML 65Page - Advanced Micro Devices AM8530 Datasheet HTML 66Page - Advanced Micro Devices AM8530 Datasheet HTML 67Page - Advanced Micro Devices AM8530 Datasheet HTML 68Page - Advanced Micro Devices AM8530 Datasheet HTML 69Page - Advanced Micro Devices AM8530 Datasheet HTML 70Page - Advanced Micro Devices AM8530 Datasheet HTML 71Page - Advanced Micro Devices AM8530 Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–16
SCC Status Reg
(Existing)
14-Bit Byte Counter
Residue Bits(3)
Overrun
CRC Error
14 Bits
6 Bits
10 x 19-Bit FIFO Array
5 Bits
EOF = 1
EN
6 Bits
RR1
2 Bits
Interface to SCC
6-Bit MUX
Bit 7
Bit 6
6 Bits
Bits 0-5
RR7
RR6
8 Bits
Byte Counter Contains 14 Bits for
a 16-Kbyte Maximum Count
FIFO Data Available Status Bit
Status Bit Set to 1
When Reading From FIFO
FIFO Overflow Status Bit
MSB of RR(7) is Set on Status FIFO
Overflow
In SDLC Mode the Following Definitions Apply
• All Sent Bypasses MUX and Equals Contents of SCC Status Register
• Parity Bits Bypasses MUX and Does the Same
• EOF is Set to 1 Whenever Reading from the FIFO
Reset on Flag Detect
Increment on Byte DET
Enable Count in SDLC
Tail Pointer
4-Bit Counter
Head Pointer
4-Bit Counter
4-Bit Comparator
Over
Equal
WR(15) Bit 2
Set Enables
Status FIFO
FIFO Enable
End of Frame Signal
Status Read Comp
RR1
Figure 4–12. 10x19-Bit Frame Status FIFO
When this FIFO is enabled, RR6 accommodates the LSB byte count from the 14-bit byte
counter and RR7 accommodates the MSB byte count along with FIFO availability and
Overflow status. Figure 4–13 shows the details of these registers including WR15.
If frame status is to be acquired from the 10x19-bit FIFO, it must be enabled and not
empty, and the registers must be read in the following order: RR7, RR6, and RR1 (read-
ing RR6 is optional). Accessing RR7 latches the FIFO Empty/Full status bit (D6 of RR7)
and steers the status multiplexer to read from the 10x19-bit FIFO array instead of from
the 8-bit Status FIFO.
Reading RR1 immediately after RR7 causes one location of the FIFO to be emptied, so
status should be read after reading the byte count; otherwise, the count will be incorrect.
If the FIFO goes empty when RR1 is read, the FIFO is disabled and the next read of RR1
will be directly from the 8-bit status FIFO, and reads from RR7 and RR6 will contain bits
that are undefined. To determine if status data is coming from the 10x19-bit FIFO or di-
rectly from the status register the user should check bit D6 of RR7. If this bit is set to ‘1’
the FIFO is not empty; if set to ‘0’ the FIFO is empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com