Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 11Page - Advanced Micro Devices AM8530 Datasheet HTML 12Page - Advanced Micro Devices AM8530 Datasheet HTML 13Page - Advanced Micro Devices AM8530 Datasheet HTML 14Page - Advanced Micro Devices AM8530 Datasheet HTML 15Page - Advanced Micro Devices AM8530 Datasheet HTML 16Page - Advanced Micro Devices AM8530 Datasheet HTML 17Page - Advanced Micro Devices AM8530 Datasheet HTML 18Page - Advanced Micro Devices AM8530 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 194 page
background image
General Information
AMD
1–7
10216A-003A
4
3
2
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
IEI
+5 V
RxDA
TxDA
INTACK
W/REQA
SYNCA
RTxCA
TRxCA
NC
RxDB
TxDB
A/
B
CE
D/
C
W/REQB
SYNCB
RTxCB
TRxCB
IEO
NC
GND
Am85C30
1
2
3
4
5
6
7
14
12
11
10
9
8
15
17
18
20
19
21
22
23
24
25
26
27
28
13
16
29
30
31
32
33
34
35
36
37
38
39
40
D1
D3
D 5
D 7
INT
IEO
IEI
INTACK
+5 V
W / REQA
SYNCA
RTxCA
RxDA
DTR /REQA
RTSA
CTSA
DCDA
PCLK
TxDA
TRxCA
D0
D2
D4
D6
RD
WR
A/
B
CE
D/
C
GND
W/REQB
SYNCB
RTxCB
RxDB
TRxCB
TxDB
DTR/REQB
RTSB
CTSB
DCDB
Am8530H
Am85C30
Figure 1–4. Pin Designation for 40- and 44-Pin SCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com