Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 114 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 114 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 110Page - Advanced Micro Devices AM8530 Datasheet HTML 111Page - Advanced Micro Devices AM8530 Datasheet HTML 112Page - Advanced Micro Devices AM8530 Datasheet HTML 113Page - Advanced Micro Devices AM8530 Datasheet HTML 114Page - Advanced Micro Devices AM8530 Datasheet HTML 115Page - Advanced Micro Devices AM8530 Datasheet HTML 116Page - Advanced Micro Devices AM8530 Datasheet HTML 117Page - Advanced Micro Devices AM8530 Datasheet HTML 118Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 194 page
background image
Register Description
AMD
6–4
Table 6–1. SCC Register Description
Read Register Functions
RR0
Transmit/Receive buffer status, and External status
RR1
Special Receive Condition status, residue codes, error conditions
RR2
Modified (Channel B only) interrupt vector and Unmodified interrupt
vector (Channel A only)
RR3
Interrupt Pending bits (Channel A only)
*RR6
14-bit frame byte count (LSB)
*RR7
14-bit frame byte count (MSB), frame status
RR8
Receive buffer
RR10
Miscellaneous XMTR, RCVR status parameters
RR12
Lower byte of baud rate generator time constant
RR13
Upper byte of baud rate generator time constant
RR15
External/Status interrupt control information
* Available only when Am85C30 is programmed in enhanced mode.
Write Register Functions
WR0
Command Register, (Register Pointers), CRC initialization, resets
for various modes
WR1
Interrupt conditions, Wait/DMA request control
WR2
Interrupt vector (access through either channel)
WR3
Receive/Control parameters, number of bits per character, Rx CRC
enable
WR4
Transmit/Receive miscellaneous parameters and codes, clock rate,
number of sync characters, stop bits, parity
WR5
Transmit parameters and control, number of Tx bits per character,
Tx CRC enable
WR6
Sync character (1st byte) or SDLC address
WR7
SYNC character (2nd byte) or SDLC flag
**WR7
′
SDLC options; auto flag, RTS, EOM reset, extended read, etc.
WR8
Transmit buffer
WR9
Master interrupt control and reset (accessed through either
channel), reset bits, control interrupt daisy chain
WR10
Miscellaneous transmitter/receiver control bits, NRZI, NRZ, FM
encoding, CRC reset
WR11
Clock mode control, source of Rx and Tx clocks
WR12
Lower byte of baud rate generator time constant
WR13
Upper byte of baud rate generator time constant
WR14
Miscellaneous control bits: baud rate generator, Phase-Locked
Loop control, auto echo, local loopback
WR15
External/Status interrupt control information-control external
conditions causing interrupts
** Only available in Am85C30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com