Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 120 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 120 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 116Page - Advanced Micro Devices AM8530 Datasheet HTML 117Page - Advanced Micro Devices AM8530 Datasheet HTML 118Page - Advanced Micro Devices AM8530 Datasheet HTML 119Page - Advanced Micro Devices AM8530 Datasheet HTML 120Page - Advanced Micro Devices AM8530 Datasheet HTML 121Page - Advanced Micro Devices AM8530 Datasheet HTML 122Page - Advanced Micro Devices AM8530 Datasheet HTML 123Page - Advanced Micro Devices AM8530 Datasheet HTML 124Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 194 page
background image
Register Description
AMD
6–10
6.2.4
Write Register 3 (Receive Parameters and Control)
This register contains the control bits and parameters for the receiver logic as illustrated
in Figure 6–4. This register is readable by executing a Read to RR9 when D0 of WR15
and D6 of WR7’ are set to ‘1’.
Bits 7 and 6: Receiver Bits/Character
The state of these two bits determines the number of bits to be assembled as a character
in the received serial data stream. Table 6–2 lists the number of bits per character in the
assembled character format. The number of bits per character can be changed while a
character is being assembled, but only before the number of bits currently programmed is
reached. Unused bits in the Received Data Register (RR8) are set to ‘1’ in asynchronous
modes. In synchronous modes and SDLC modes, the SCC transfers an 8-bit section of
the serial data stream to the receive FIFO at the appropriate time.
Table 6–2. Receive Bits/Character
D7
D6
Character Length
0
0
5 Bits/Character
0
1
7 Bits/Character
1
0
6 Bits/Character
1
1
8 Bits/Character
Bit 5: Auto Enables
This bit programs the function for both
DCD and CTS pins. CTS becomes the transmitter
enable and
DCD becomes the receiver enable when this bit is set to ‘1’. However, the
Receiver Enable and Transmit Enable bits must be set before the
DCD and CTS pins can
be used in this manner. When the Auto Enables bit is set to ‘0’, the
DCD and CTS pins
are merely inputs to the corresponding status bits in Read Register 0. The state of
DCD is
ignored in the Local Loopback mode. The state of
CTS is ignored in both Auto Echo and
Local Loopback modes. If CTS disables the transmitter during a byte transmission, the
SCC will still complete the byte transfer.
Bit 4: Enter Hunt Mode
This command forces the comparison of sync characters or flags for the purpose of syn-
chronization. After reset, the SCC automatically enters the Hunt mode (except asynchro-
nous). Whenever a flag or sync character is matched, the Sync/Hunt bit in Read Register
0 is reset and, if External/Status Interrupt Enable is set, an interrupt sequence is initiated.
The SCC automatically enters the Hunt mode when an abort condition is received or
when the receiver is disabled.
Bit 3: Receiver CRC Enable
This bit is used to initiate CRC calculation at the beginning of the last byte transferred
from the Receiver Shift register to the receive FIFO. This operation occurs independently
of the number of bytes in the receive FIFO. When a particular byte is to be excluded from
CRC calculation, this bit should be reset before the next byte is transferred to the receive
FIFO. If this feature is used, care must be taken to ensure that eight bits per character is
selected in the receiver because of an inherent delay from the Receive Shift register to
the CRC checker.
This bit is internally set to ‘1’ in SDLC mode and the SCC calculates CRC on all bits ex-
cept inserted zeros between the opening and closing character flags. This bit is ignored in
asynchronous modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com