Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASA Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 2ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2ASA Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 2ASA Datasheet HTML 7Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 8Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 9Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 10Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 11Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 12Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 13Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 14Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
120 mm
120 mm
120 mm
120 mm
120 mm
25 g
30 g
28 g
28 g
25 g
E5SA
E3CSA
E00SA
E7SA
E2ASA
Special stainless steel, ergonomic handles, non-magnetic,
ESD-safe
Ergonomic precision tweezers straight, very fine tips, e.g. for han-
dling fine wires.
Special stainless steel, ergonomic handles, non-magnetic,
ESD-safe
Ergonomic precision tweezers straight, long fine tips, for delicate
circuit board assembly.
Special stainless steel, ergonomic handles, non-magnetic,
ESD-safe
Ergonomic precision tweezers straight, fine tips, for general use.
Very sturdy.
Special stainless steel, ergonomic handles, non-magnetic,
ESD-safe
Ergonomic precision tweezers curved, fine tips, for easy manipula-
tion in confined areas.
Special stainless steel, ergonomic handles, non-magnetic,
ESD-safe
Ergonomic precision tweezers straight, flat round tips, for gripping.
11
Flat Round Tips Straight
PRECISION TWEEZERS
Model
Length
Weight
Description
120 mm
120 mm
120 mm
120 mm
120 mm
15 g
16 g
16 g
15 g
15 g
2ASASL
2ASASLT
2ASARU
25SA
52ASA
Special stainless steel, anti-glare finish, non-magnetic
Same as 2ASA but economy model.
Special stainless steel/
PTFE,coated, anti-glare finish,
non-magnetic
Same as 2ASA but
PTFE, coated tips for handling delicate parts.
Special stainless steel/coated, anti-glare finish, non-magnetic
Same as 2ASA but coated tips for handling adhesive parts, gaskets,
Kapton ribbons, labels with negligible capillary effect.
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with flat round tips. For gripping.
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with crush-proof design for handling
of delicate parts.
Precision Tweezers with Ergomomic Handles*
Model
Length
Weight
Description
Main applications:
Thermally insulated soft
grips, ESD safe, ergonomi-
cally shaped to reduce ope-
rator’s hand fatigue.
Note: colour coatings subject to variations without prior notice. * Ergonomic features see page 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com