Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 2ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2ASA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  2ASA Datasheet HTML 1Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 2Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 3Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 4Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 5Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 6Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 7Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 8Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Stainless steel, anti-glare finish
Precision tweezers with long tips for delicate circuit board
assembly.
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers for delicate circuit board assembly.
Special stainless steel, anti-glare finish, non-magnetic
Same as 3CSA but economy model.
Titanium, non-magnetic
Same as 3CSA but Titanium for heat resistance and light weight.
110 mm
110 mm
110 mm
110 mm
110 mm
11 g
11 g
11 g
8 g
11 g
3CS
3CSA
3CSASL
3CTA
53CSA
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with crush-proof design for handling
of delicate parts.
108 mm
108 mm
16 g
12 g
ACSA
20AS
Stainless steel, anti-glare finish
Precision tweezers with serrated grips and inside serrated tips
for anti-slip handling. Guide pin to avoid tip overlapping.
For bending and handling.
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with serrated grips for anti-slip handling. For
bending and handling.
5
Pointed Tips Straight
PRECISION TWEEZERS
Length 80 mm
Length 108 mm
Pointed Tips Straight
Main applications:
for conventional and preci-
sion handling of small parts
like tissue, components,
wires. For tasks in micro
electronics industry, medici-
ne, laboratories and other
applications where high
precision is required.
Model
Length
Weight
Description
Model
Length
Weight
Description
Length 110 mm
80 mm
6 g
M5S
Stainless steel, anti-glare finish
Micro tweezers, very small, very fine tips, e.g. for work under
microscope
Model
Length
Weight
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com