Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASA Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # 2ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2ASA Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button 2ASA Datasheet HTML 37Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 38Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 39Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 40Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 41Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 42Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 43Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 44Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
120 mm 22,5 mm 9,5 mm
2 mm
66 g
High quality tool steel, burnished, ESD safe
Needle nose pliers. Smooth polished inside jaws for
gripping fine parts and forming wire.
EROP174
6,5 mm 1,5 mm
140 mm 39 mm 12 mm
1,8 mm
90 g
High quality tool steel, burnished, ESD safe
Needle nose pliers. Serrated, for gripping, holding and
forming wires and parts.
EROP277
7,5 mm 1,2 mm
170 mm 64 mm 13,5 mm
2 mm
113 g
EROP280
8 mm
1,8 mm
High quality tool steel, burnished, ESD safe
Needle nose pliers long. Oval pointed. Serrated.
Robust but fine tips for work in confined areas.
125 mm 22,5 mm 9,5 mm
1,6 mm
63 g
EROP172
6 mm
0,8 mm
High quality tool steel, burnished, ESD safe
Round nose pliers. Smooth polished inside jaws for bend-
ing fine loops.
130 mm
7,5 mm
ø
1,0 mm
84 g
EROP330
7,5 mm
5,0 mm
<) 40°, flush cut, high quality tool steel, burnished,
ESD safe
Tip cutter bent. For PCB applications.
41
EROP CUTTERS AND PLIERS
Model
L
A
B
D
Max. Cu Weight
Description
Model
L
A
B
C
E ø
G
Weight
Description
EROP Cutters
EROP Pliers
Round Nose
Model
L
A
B
C
E
G
Weight
Description
Needle Nose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com