Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 2ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2ASA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 2ASA Datasheet HTML 3Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 4Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 5Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 6Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 7Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 8Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 9Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 10Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
21SA
160 mm
23 g
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers, long version, with serrated grips and inside ser-
rated tips, strong.
150 mm
26 g
29SA
Special stainless steel, anti-glare finish, non-magnetic,
reverse action
Precision tweezers with fibre-grip handles for heat
protection. Reverse action for permanent holding parts.
Stainless steel, anti-glare finish
Precision tweezers, long version, very strong.
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with narrow grips and low tension. Extra long
for use near heat, die attachment.
Special stainless steel, anti-glare finish, non-magnetic
Same as SSSA but economy model.
140 mm
140 mm
140 mm
30 g
11 g
11 g
RRS
SSSA
SSSASL
130 mm
20 g
249SA
130 mm
24 g
249CER
125 mm
125 mm
125 mm
16 g
16 g
17 g
AASA
AASASL
AM
7
Pointed Tips Straight
PRECISION TWEEZERS
Model
Length
Weight
Description
Length 130 mm
Length 140 mm
Model
Length
Weight
Description
Model
Length
Weight
Description
Length 150 mm
Model
Length
Weight
Description
Length 160 mm
Model
Length
Weight
Description
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with strong but fine tips. For universal use.
Special stainless steel, anti-glare finish, non-magnetic
Same as AASA but economy model.
Brass, polished
Precision tweezers brass. Soft metal protects sensitive
parts against damage. No sparks.
Special stainless steel / PPS, anti-glare finish, non-
magnetic ESD safe, suitable for fibre optics
Precision tweezers with serrated grips and synthetic tips (PPS).
Heat resistant up to 250°C (480°F). Resistant to acids and solder.
Waterproof, ESD safe. Does not damage fibre optic cores.
Special stainless steel / Ceramic anti-glare finish, non-
magnetic
Same as 249SA but with Ceramic tips for heat resistance
up to 900°C (1500°F).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com