Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 2ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2ASA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 2ASA Datasheet HTML 2Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 3Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 4Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 5Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 6Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 7Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 8Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 9Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
125 mm
16 g
AAS
Stainless steel, anti-glare finish
Precision tweezers with strong but fine tips. For universal use.
120 mm
120 mm
120 mm
120 mm
120 mm
120 mm
120 mm
120 mm
120 mm
120 mm
120 mm
120 mm
14 g
14 g
14 g
14 g
20 g
20 g
18 g
20 g
20 g
17 g
17 g
16 g
3SA
3SASL
1SA
1SASL
OOSA
OOSASL
OOCSA
OOBSA
OODSA
64SA
11N
AAZ
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers for micro electronics. Precision work.
Special stainless steel, anti-glare finish, non-magnetic
Same as 3SA but economy model.
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers for general use.
Special stainless steel, anti-glare finish, non-magnetic
Same as 1SA but economy model.
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers for general purpose e.g. electronic assembly,
very sturdy.
Special stainless steel, anti-glare finish, non-magnetic
Same as 00SA but economy model.
Special stainless steel, anti-glare finish, non-magnetic
Same as 00SA but smaller version.
Special stainless steel, anti-glare finish, non-magnetic
Same as 00SA but with serrated grips.
Special stainless steel, anti-glare finish, non-magnetic
Same as 00SA but with serrated grips and inside serrated tips.
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with serrated grips.
Nickel-Silver alloy, anti-glare finish, non-magnetic
Precision tweezers Nickel-Silver alloy, perfect non-magnetic.
Nickel plated
Precision tweezers Nickel plated, for electronics assembly.
6
Pointed Tips Straight
Length 120 mm
Length 125 mm
PRECISION TWEEZERS
Model
Length
Weight
Description
Model
Length
Weight
Description
125 mm
16 g
AASSL
Stainless steel, anti-glare finish
Same as AAS but economy model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com