Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASA Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 2ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2ASA Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 2ASA Datasheet HTML 5Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 6Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 7Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 8Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 9Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 10Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 11Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 12Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
<) 30°, special stainless steel, anti-glare finish,
non-magnetic
Precision tweezers curved, relieved.
<) 30°, special stainless steel, anti-glare finish,
non-magnetic
Precision tweezers curved, relieved.
<) 30°, special stainless steel, anti-glare finish,
non-magnetic
Precision tweezers curved, relieved. Very fine tips.
<) 30°, special stainless steel, anti-glare finish,
non-magnetic
Same as 51SA but economy model.
<) 15°, special stainless steel, anti-glare finish,
non-magnetic
Precision tweezers oblique, relieved. Fine tips.
<) 15°, special stainless steel, anti-glare finish,
non-magnetic
Same as 5 ASA but economy model.
115 mm
115 mm
115 mm
115 mm
115 mm
115 mm
12 g
12 g
12 g
12 g
12 g
12 g
5CSA
5BSA
51SA
51SASL
5ASA
5ASASL
3CBS
110 mm
11 g
<) 40°, stainless steel, anti-glare finish
Precision tweezers bent for delicate circuit board assembly.
258SA
120 mm
15 g
9
Pointed Tips Straight Relieved
PRECISION TWEEZERS
Length 120 mm
Length 110 mm
Model
Length
Weight
Description
Pointed Tips Bent
Model
Length
Weight
Description
Length 115 mm
Model
Length
Weight
Description
Pointed Tips Bent
Main application:
for better product visibility
and handling e.g. working
in confined areas and under
microscope.
Special stainless steel/PPS, anti-glare finish, non-
magnetic, ESD safe
Precision tweezers with serrated grips and synthetic tips (PPS).
Heat resistant up to 250°C (480°F). Resistant to acids and solder.
Waterproof, ESD safe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com