Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASA Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # 2ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2ASA Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button 2ASA Datasheet HTML 26Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 27Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 28Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 29Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 30Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 31Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 32Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 33Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
110 mm 15 mm 10,5 mm
ø
0,6 mm
67 g
575E
6,5 mm 10 mm
<) 45°, flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Tip cutter. Small size. For delicate work on hybrid circuits or
micro modules.
110 mm 12 mm 10,5 mm
ask for
cutting
capability*
67 g
<) 30°, semi flush cut, Tungsten Carbide,
anti-glare finish, ESD safe
Tip cutter. Standard size. Tungsten Carbide blades for con-
stant quality cuts even on hard wires.
503ET
6,5 mm 10 mm
110 mm 12 mm 10,5 mm
ø
1,2 mm
67 g
<) 30°, flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Tip cutter. Standard size. For universal use.
503E
6,5 mm 10 mm
110 mm 13 mm 10,5 mm
ø
1,2 mm
67 g
<) 30°, flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Tip cutter. Standard size. Rounded head. For universal use.
504AE
6,5 mm 10 mm
110 mm 12 mm 10,5 mm
ask for
cutting
capability*
67 g
503ETF
6,5 mm 10 mm
<) 30°, flush cut, Tungsten Carbide blades,
anti-glare finish, ESD safe
Tip cutter. Standard size. Tungsten Carbide blades for con-
stant quality cuts even on hard wires.
Angled Head
TIP CUTTERS
30
Length 110 mm
Angled Head Small
Length 110 mm
Angled Head Small
Main applications:
for applications in confined areas.
Angled Head
Main application:
for standard tip cutting applications.
Model
L
A
B
C
D
Max. Cu
Weight
Description
Model
L
A
B
C
D
Max. Cu
Weight
Description
* Please provide wire sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com