Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASA Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 2ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2ASA Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 2ASA Datasheet HTML 6Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 7Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 8Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 9Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 10Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 11Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 12Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 13Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
120 mm
15 g
2ASA
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with medium tips for gripping.
140 mm
11 g
65ASA
10
Pointed Tips Bent
PRECISION TWEEZERS
Length 120 mm
Model
Length
Weight
Description
120 mm
120 mm
15 g
15 g
7SA
7SASL
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers curved, relieved.
For easy handling in confined areas.
Special stainless steel, anti-glare finish, non-magnetic
Same as 7SA but economy model.
Length 150 mm
Model
Length
Weight
Description
150 mm
150 mm
22 g
26 g
24SA
30SA
<)40°, special stainless steel, anti-glare finish, non-magnetic
Precision tweezers bent. Serrated grips and inside serrated tips.
Alignment pin. Useful for all soldering jobs and assembly.
Length 140 mm
Model
Length
Weight
Description
Length 120 mm
Model
Length
Weight
Description
Flat Round Tips Straight
Flat Round Tips Straight
Main application:
for conventional holding
and gripping applications.
<) 50°, special stainless steel, anti-glare finish,
non-magnetic, reverse action
Precision tweezers bent. With fibre-grip handles for heat protec-
tion. Reverse action for permanent holding parts. Useful e.g. for
soldering jobs.
<) 50°, special stainless steel, anti-glare finish,
non-magnetic
Precision tweezers bent. Very fine points.
For handling extra fine components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com