Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASA Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # 2ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2ASA Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button 2ASA Datasheet HTML 10Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 11Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 12Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 13Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 14Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 15Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 16Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 17Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
14
WAFER TWEEZERS
Wafer Tweezers
Wafer Tweezers
Main application:
for handling wafers from
3” to 6”. Different coatings
or sizes on request.
125 mm 12 mm
16 mm
7 mm
8 mm
20 mm
8 mm
30 mm
5 mm
30 mm
8 mm
30 mm
8 mm
30 mm 8,5 mm
19,5 mm 8 mm
15 g
91SA
3”- 4”, special stainless steel, anti-glare finish,
non-magnetic
Standard wafer tweezers to pick up 3” or 4” Silicon wafers.
Serrated grips.
120 mm
20 g
140SA
4” - 5”, special stainless steel/Polyester, anti-glare finish,
non-magnetic
Wafer tweezers with Delrin tips. Available with adjustable opening
screw. For 4” to 5” wafers. Serrated grips. Temperature resistance
170°C.
150 mm
30 g
141SAP
5”- 6”, special stainless steel/
PTFE,, anti-glare finish,
non-magnetic
Wafer tweezers with Polyester tips. The perfect wafer tweezers.
Will not damage Si, GaAs or Ti wafers. Serrated grips.
150 mm
30 g
141SAPH
130 mm
130 mm
130 mm
130 mm
22 g
23 g
23 g
24 g
500ASA
600ASA
608ASA
600JSA
4”- 5”, special stainless steel, anti-glare finish,
non-magnetic
Wafer tweezers with fingers to reduce the risk of damage.
For 4” and 5” wafers. Serrated grips.
6”, special stainless steel, anti-glare finish, non-magnetic
Wafer tweezers with fingers to reduce the risk of damage.
For 6” wafers. Serrated grips.
6”, special stainless steel, anti-glare finish, non-magnetic
Same as 600ASA but with 30 mm width.
4”- 6”, special stainless steel, anti-glare finish,
non-magnetic
Wafer tweezers with free-floating
PTFE, paddle for self adjust-
ment on 4”- 6” wafers. Serrated grips.
5”- 6”, special stainless steel/Halar, anti-glare finish,
non-magnetic
Same as 141SAP but with Halar coating and plastic tips without
pigmentation. Halar is acids resistant.
Model
Length
A
B
Weight
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com