Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASA Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # 2ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2ASA Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button 2ASA Datasheet HTML 34Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 35Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 36Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 37Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 38Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 39Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 40Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 41Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
120 mm 23 mm
9 mm
1,4 mm
67 g
High grade tool steel, anti-glare finish, ESD safe
Chain nose pliers with smooth jaws.
544E
6,5 mm
1 mm
125 mm 23 mm
9 mm
1,4 mm
67 g
High grade tool steel, anti-glare finish, ESD safe
Chain nose pliers with smooth jaws, inside serrated.
544D
6,5 mm
1 mm
125 mm 24 mm
9 mm
0,8 mm
67 g
546E
6,5 mm 0,8 mm
<) 60°, high grade tool steel, anti-glare finish,
ESD safe
Chain nose pliers bent with smooth jaws.
D = 6,0 mm
Pliers
PLIERS
38
Model
L
A
B
C
E
G
Weight
Description
Chain Nose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com