Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASA Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # 2ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2ASA Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button 2ASA Datasheet HTML 25Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 26Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 27Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 28Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 29Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 30Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 31Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 32Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Semi Flush
These blades allow a very high resistance. Will cut
malleable wires like Copper as well as hard wires.
Leaves a pinch at the end of the wire.
Flush
Allow a flat cut with high cutting capacities. The edge of
the wire is cut off almost squarely. Guaranteed precision
even after constant usage. Thanks to faster penetration
into the component the operator’s effort is substantially
reduced.
29
Tip Cutters
TIP CUTTERS
Tip Cutters
Erem offers the largest variety of high precision tip cut-
ters.
All edges are finely radiused to avoid board damaging.
To find the cutter for your demand just follow the steps
Angled
For standard tip cutting applications.
110 mm Small short head, for increased cutting resistance.
For almost all cutting applications.
115 mm Longer and finer head.
For cutting applications where easy access is more impor-
tant than a high cutting capacity.
120 mm Strong version.
For all cutting applications where high cutting capacity
is required.
Angled Narrow
For applications in confined areas. Longer but narrow head for
better reach between parts and into areas with limited access.
Straight
For vertical or horizontal tip cutting applications.
Head Form
Cut
Size
Safety Lead Device
1
2
1. Erem Cut
2. Others
Cutting safety device, holds wire scraps.
Can be adapted on 582E only.
Add “W” when ordering, e.g. 582EW.
Erem Blade Protection
All tip cutters have an “anti-overbite”
system which prevents blades from
overlapping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com