Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASA Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # 2ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2ASA Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button 2ASA Datasheet HTML 24Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 25Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 26Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 27Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 28Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 29Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 30Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 31Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
140 mm
10 mm
10 mm
ø
0,8 mm
70 g
2222EB
5,8 mm
Flush, high grade tool steel, anti-glare finish,
ESD safe, resharpenable, Ergonomic
Ergonomic side cutter for universal use. Relieved
head for working in confined areas.
140 mm
10 mm
10 mm
ø
1,0 mm
70 g
2222EA
5,8 mm
Flush, high grade tool steel, anti-glare finish,
ESD safe, resharpenable, Ergonomic
Ergonomic side cutter for universal use. Tapered head for
easier access.
Tapered Head
Relieved Head
SIDE CUTTERS WITH ERGONOMIC HANDLES
28
Tapered Head
Relieved Head
Model
L
A
B
C
Max. Cu
Weight
Description
Model
L
A
B
C
Max. Cu
Weight
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com