Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASA Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # 2ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2ASA Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button 2ASA Datasheet HTML 38Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 39Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 40Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 41Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 42Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 43Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 44Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 45Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
120 mm 21 mm
5 mm
75 g
510AE
4 mm
0,25 -
1,02 mm
(AWG
30 - 18)
High grade tool steel, anti-glare finish, ESD safe
Front stripping tool. Adjustable for different diameters.
Diameter adjustable with screw. With interchangeable side
cutting blade. For all kind of insulation and fibre optic outer
jackets.
120 mm 22,5 mm 9,5 mm
1,2 mm
63 g
High quality tool steel, burnished, ESD safe
Flat nose pliers. Slim smooth jaws for delicate work.
EROP170
6 mm
3 mm
120 mm 22,5 mm 9,5 mm
1,2 mm
67 g
EROP171
6 mm
4 mm
High quality tool steel, burnished, ESD safe
Flat nose pliers. Slim smooth jaws for delicate work.
With larger gripping area.
STRIPPING TOOLS
42
Model
L
A
B
C
E
G
Weight
Description
High Precision Stripping Tools
Erem stripping tools are the most precise tools used in the
electronic or aviation field. They are manufactured from
high grade tool steel to ensure durability. To ensure that
you have the correct tool for your application, send us
samples of your wire and we will make recommendations.
EROP Pliers
Flat Nose
Stripping Tools
Front Stripping
Model
L
A
E
G
7 mm
H
Weight
Wire ø
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com