Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3000 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button ADNS-3000 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Table 1. Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Notes
Storage Temperature
TS
-40
85
C
Operating Temperature
TA
-15
55
C
Lead Solder Temperature
VO
260
C
For 10 seconds, 1.6 mm below seating plane.
Supply Voltage
VDD
-0.5
2.2
V
ESD
2
kV
All pins, human body model JESD22-A114
Input Voltage
VIN
-0.5
2.1
V
All I/O pins
Table 2. Recommended Operating Condition
Parameter
Symbol
Min
Typ.
Max
Units
Notes
Operating Temperature
TA
040
C
Power Supply Voltage
VDD
1.7
1.8
2.1
V
Power Supply Rise Time
TRT
0.15
20
ms
0 to VDD min
Supply Noise (Sinusoidal)
VNA
100
mVp-p
10 kHz –50 MHz
Serial Port Clock Frequency
fSCLK
1
MHz
50% duty cycle
Distance from Lens Reference
Plane to Tracking Surface (Z)
Z
2.3
2.4
2.5
mm
Speed 1
S
0
30
ips
At default frame rate
Acceleration
a
20
g
At run mode
Load Capacitance
Cout
100
pF
MISO and MOTION
Note:
1. For higher than 500 dpi setting, use 12-bit motion reporting to achieve the maximum speed
Design Considerations for Improved ESD Performance
For improved electrostatic discharge performance, typical
creepage and clearance distance are shown in the table
below. Assumption: base plate construction is as per the
PixArt Imaging supplied IGES file and ADNS-5110-001
or ADNS-5120-002 lens. Note that the lens material is
polycarbonate or polystyrene HH30. Therefore,
cyanoacrylate based adhesives or other adhesives
that may damage the lens should
NOT be used.
Typical
Distance (mm)
Creepage
16.0
Clearance
2.0
Regulatory Requirements
 Passes FCC B and worldwide analogous emission limits
when assembled into a mouse with shielded cable and
following
PixArt Imaging recommendations.
UL flammability level UL94 V-0.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3000 Low Power Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com