Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3000 Datasheet(PDF) 17 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 17 Page - Pixart Imaging Inc.

Back Button ADNS-3000 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 21Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17
Registers
The ADNS-3000 registers are accessible via the serial port. The registers are used to read motion data and status as well
as to set the device configuration.
Address
Register Name
Register Description
Read/Write
Default Value
0x00
PROD_ID
Product ID
R
0x2A
0x01
REV_ID
Revision ID
R
0x00
0x02
MOTION_ST
Motion Status
R
0x00
0x03
DELTA_X
Lower byte of Delta_X
R
0x00
0x04
DELTA_Y
Lower byte of Delta_Y
R
0x00
0x05
SQUAL
Squal Quality
R
0x00
0x06
SHUT_HI
Shutter Open Time (Upper 8-bit)
R
0x00
0x07
SHUT_LO
Shutter Open Time (Lower 8-bit)
R
0x64
0x08
PIX_MAX
Maximum Pixel Value
R
0xD0
0x09
PIX_ACCUM
Average Pixel Value
R
0x80
0x0a
PIX_MIN
Minimum Pixel Value
R
0x00
0x0b
PIX_GRAB
Pixel Grabber
R/W
0x00
0x0c
DELTA_XY_HIGH
Upper 4 bits of Delta X and Y displacement
R
0x00
0x0d
MOUSE_CTRL
Mouse Control
R/W
0x01
0x0e
RUN_DOWNSHIFT
Run to Rest1 Time
R/W
0x08
0x0f
REST1_PERIOD
Rest1 Period
R/W
0x01
0x10
REST1_DOWNSHIFT
Rest1 to Rest2 Time
R/W
0x1f
0x11
REST2_PERIOD
Rest2 Period
R/W
0x09
0x12
REST2_DOWNSHIFT
Rest2 to Rest3 Time
R/W
0x2f
0x13
REST3_PERIOD
Rest3 Period
R/W
0x31
0x22
PERFORMANCE
Performance
R/W
0x00
0x3a
RESET
Reset
W
0x00
0x3f
NOT_REV_ID
Inverted Revision ID
R
0xff
0x40
LED_CTRL
LED Control
R/W
0x00
0x41
MOTION_CTRL
Motion Control
R/W
0x40
0x42
BURST_READ_FIRST
Burst Read Starting Register
R/W
0x03
0x45
REST_MODE_CONFIG
Rest Mode Configuration
R/W
0x00
0x63
MOTION_BURST
Burst Read
R
0x00
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3000 Low Power Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com