Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3000 Datasheet(PDF) 27 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 27 Page - Pixart Imaging Inc.

Back Button ADNS-3000 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 30Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
27
PERFORMANCE
Address: 0x22
Performance Register
Access: Read/Write
Reset Value: 0x00
Bit
7
6543210
Field
RSVD
FORCE3
FORCE1
FORCE0
RSVD
RSVD
RSVD
RSVD
Bit(s)
Field Name
Description
7
RSVD
Reserved
6:4
FORCE[2:0]
force modes
0x0: Normal operation.
0x1: force mode rest 1.
0x2: force mode rest 2.
0x3: force mode rest 3.
0x4: force mode run 1.
0x5: force mode run 2.
0x6: force mode idle.
3:0
RSVD
Reserved
RESET
Address: 0x3a
Reset Register
Access: Write
Reset Value: 0x00
Bit
76543210
Field
RST7
RST6
RST5
RST4
RST3
RST2
RST1
RST0
Data Type: Eight bit unsigned integer.
USAGE: This register is used as chip reset by writing 0x5a into this register.
NOT_REV_ID
Address: 0x3f
Inverted Revision ID Register
Access: Read
Reset Value: 0xff
Bit
76543210
Field
RRID7
RRID6
RRID5
RRID4
RRID3
RRID2
RRID1
RRID0
Data Type: Eight bit unsigned integer.
USAGE: This register contains the inverse of the revision ID which is located at register 0x01.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3000 Low Power Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com