Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3000 Datasheet(PDF) 23 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 23 Page - Pixart Imaging Inc.

Back Button ADNS-3000 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 27Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23
DELTA_XY_HIGH
Address: 0x0c
Upper 4 bits Delta-X/Y Displacement Register
Access: Read
Reset Value: 0x00
Bit
76543210
Field
DELTA_X_
HI3
DELTA_X_
HI2
DELTA_X_
HI1
DELTA_X_
HI0
DELTA_Y_
HI3
DELTA_Y_
HI2
DELTA_Y_
HI1
DELTA_Y_
HI0
Data Type: Eight bit 2’s complement number.
USAGE: Concatenate the values to have a 12-bit reporting for the motion.
X motion = {DELTA_XY_HIGH[7:4], DELTA_X} , Y motion = DELTA_XY_HIGH[3:0], DELTA_Y}
Bit(s)
Field Name
Description
7:4
DELTA_X_HI
Upper 4 bits of DELTA_X displacement for 12-bit reporting
3:0
DELTA_Y_HI
Upper 4 bits of DELTA_Y displacement for 12-bit reporting
NOTE:
PixArt RECOMMENDS that registers 0x03, 0x04 and 0x0c be read consecutively in 12-bit motion reporting.
MOUSE_CTRL
Address: 0x0d
Mouse Control Register
Access: Read/Write
Reset Value: 0x01
Bit
7
6543210
Field
BIT_
REPORTING
RSVD
RES_EN
RES2
RES1
RES0
PD
RES_D
Data Type: Bit field.
USAGE: Resolution and chip reset information can be accessed or to be edited by this register.
Bit(s)
Field Name
Description
7
BIT_REPORTING
0x0: 8-bit motion reporting
0x1: 12-bit motion reporting. Read register 0x03, 0x04 and 0x0c.
6
RSVD
Reserved
5
RES_EN
Enable resolution settings set on MOUSE_CTRL [4:2]
4:2
RES [2:0]
Resolution
0x0: 1000 dpi
0x1: 250 dpi
0x2: 500 dpi
0x3: 1250 dpi
0x4: 1500 dpi
0x5: 1750 dpi
0x6: 2000 dpi
1
PD
Power Down
0
RES_D
0x0: 500 dpi
0x1: 1250 dpi (default)
NOTE: Setting MOUSE_CTRL [5] bit to ‘1’ will supersede and ignore MOUSE_CTRL [0] setting.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3000 Low Power Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com