Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3000 Datasheet(PDF) 12 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 12 Page - Pixart Imaging Inc.

Back Button ADNS-3000 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 16Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12
Table 4. DC Electrical Specifications
Electrical characteristics over recommended operating conditions. Typical values at 25° C, VDD = 1.9 V, VDDLED = 1.9 V,
IRLED HSDL-4261, ILED DC = 5mA
Parameter
Symbol
Min
Typ.
Max
Units
Notes
DC Supply Current in
Various Mode
IDD_AVG
1.44
mA
Average sensor current at max frame rate.
No load on MISO
Average LED current at max frame rate.
No load on MISO
IDD_REST1
108
A
IDD_REST2
28
A
IDD_REST3
12
A
IDDLED_AVG
0.3
mA
IDDLED_REST1
62
A
IDDLED_REST2
15
A
IDDLED_REST3
4
A
Power Down Current
10
A
Input Low Voltage
VIL
0.3* VDD
V
SCLK, MOSI, NCS
Input High Voltage
VIH
0.7* VDD
V
SCLK, MOSI, NCS
Input Hysteresis
VI_HYS
200
mV
SCLK, MOSI, NCS
Input Leakage Current
Ileak
+/-1
+/-10
A
Vin = VDD or 0 V
Output Low Voltage
VOL
0.45
V
Iout = 1 mA, MISO, MOTION
Output High Voltage
VOH
VDD -0.45
V
Iout = -1 mA, MISO, MOTION
Input Capacitance
Cin
50
pF
MOSI, NCS, SCLK
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3000 Low Power Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com