Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3000 Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button ADNS-3000 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 20Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
16
Burst Mode Operation
Burst mode is a special serial port operation mode that
may be used to reduce the serial transaction time for a
motion read. The speed improvement is achieved by con-
tinuous data clocking to or from multiple registers with-
out the need to specify the register address, and by not
requiring the normal delay period between data bytes.
Burst mode is initiated by reading the MOTION_BURST
register (0x63). The ADNS-3000 will respond with the
contents of the DELTA_X, DELTA_Y, SQUAL, SHUT_HI,
SHUT_LO, and PIX_MAX and PIX_ACCUM registers in that
order. The burst transaction can be terminated anywhere
in the sequence after the DELTA_Y value by bringing the
NCS pin high. The default value in BURST_READ_FIRST
register (0x42) is the address of the DELTA_X register. The
address that is specified in the BURST_READ_FIRST regis-
ter can be changed to address 0x00 – 0x02 (PROD_ID –
MOTION_ST) or 0x05 – 0x08 (SQUAL – PIX_MAX).
In 12-bit motion reporting there will be an extra content
in DELTA_XY_HIGH (register 0x0c), to be read out in the
order of DELTA_X, DELTA_Y,  DELTA_XY_HIGH, SQUAL,
SHUT_HI, SHUT_LO, PIX_MAX and PIX_ACCUM. The rest
of the burst mode operation is the same as 8-bit motion
reporting.
After reading the MOTION_BURST address (0x63), the
microcontroller must wait tSRAD before starting to read
the continuous data bytes. All data bits can be read with
no delay between bytes by driving SCLK at the normal
rate. The data are latched into the output buffer after the
last address bit is received. After the burst transmission is
complete, the micro-controller must raise the NCS line for
at least tBEXIT to terminate burst mode. The serial port is
not available for use until it is reset with NCS, even for a
second burst transmission.
Reset
During power-up, the ADNS-3000 does not need a pow-
er on reset as there is an internal circuitry that performs
power on reset in the sensor. However it can be reset by
writing 0x5a to register 0x3a. A full reset will thus be ex-
ecuted and any register settings must be reloaded.
Power Down
The ADNS-3000 can be set to Power Down mode by writ-
ing 0x02 to register 0x0d to disable the sensor. In addi-
tion, the SPI port should not be accessed during power
down. Other ICs on the same SPI bus can be accessed,
as long as the sensor’s NCS pin is not asserted. The table
below shows the state of various pins during power down.
To exit Power Down, write 0x5a to register 0x3a to reset
the sensor in order to wake it up. A full reset will thus be
executed. Wait tWAKEUP before accessing the SPI port. Any
register settings must then be reloaded.
Pin
During Power Down
MOTION
Undefined
NCS
Functional1
MISO
Undefined
SCLK
Functional2
MOSI
Functional2
XY_LED
Low current
Notes:
1. NCS pin must be held to 1 (HIGH) if SPI bus is shared with other
devices. It can be in either state if the sensor is the only device in
connected to the host micro-controller.
2. Reading of registers should only be performed after exiting from the
power down mode. Any read operation during power down will not
reflect the actual data of the registers.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3000 Low Power Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com