Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3000 Datasheet(PDF) 22 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 22 Page - Pixart Imaging Inc.

Back Button ADNS-3000 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 26Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
22
PIX_MIN
Address: 0x0a
Minimum Pixel Value Register
Access: Read
Reset Value: 0x00
Bit
76543210
Field
MP7
MP6
MP5
MP4
MP3
MP2
MP1
MP0
Data Type: Eight-bit number.
USAGE: Store the lowest pixel value in current frame. Minimum value = 0, maximum value = 254. The minimum pixel
value may vary with different frame.
PIX_GRAB
Address: 0x0b
Pixel Grabber Register
Access: Read/Write
Reset Value: 0x00
Bit
76543210
Field
PG_VALID
PG6
PG5
PG4
PG3
PG2
PG1
PG0
Data Type: Eight bit word.
USAGE: The pixel grabber captures 1 pixel per frame. Bit-7 (MSB) of this register will be set to indicate that the 7-bit pixel
data (PG[6:0]) is valid for grabbing. In a 22x22 pixel array, it will take 484 read operations to grab all the pixels to
form the complete image.
Bit(s)
Field Name
Description
7
PG_VALID
Pixel Grabber Valid
6:0
PG[6:0]
Pixel Data
NOTE:
Any write operation into this register will reset the grabber to origin (pixel 0 position). The sensor should not
be moved before the 484 read operations are completed to ensure original data is grabbed to produce good
(uncorrupted) image.
22X22 Pixel Array Address Map – (View from top of sensor)
Positive Y
Positive X
Top X-ray View of Mouse
Pin 1
Left
Button
Right
Button
LED
8
7
6
5
4
3
2
1
462
440
418
396
374
352
330
308
286
264
242
220
198
176
154
132
110
88
66
44
22
0
First
463
441
419
397
375
353
331
309
287
265
243
221
199
177
155
133
111
89
67
45
23
1
464
442
420
398
376
354
332
310
288
266
244
222
200
178
156
134
112
90
68
46
24
2
465
443
421
399
377
355
333
311
289
267
245
223
201
179
157
135
113
91
69
47
25
3
466
444
422
400
378
356
334
312
290
268
246
224
202
180
158
136
114
92
70
48
26
4
467
445
423
401
379
357
335
313
291
269
247
225
203
181
159
137
115
93
71
49
27
5
468
446
424
402
380
358
336
314
292
270
248
226
204
182
160
138
116
94
72
50
28
6
469
447
425
403
381
359
337
315
293
271
249
227
205
183
161
139
117
95
73
51
29
7
470
448
426
404
382
360
338
316
294
272
250
228
206
184
162
140
118
96
74
52
30
8
471
449
427
405
383
361
339
317
295
273
251
229
207
185
163
141
119
97
75
53
31
9
472
450
428
406
384
362
340
318
296
274
252
230
208
186
164
142
120
98
76
54
32
10
473
451
429
407
385
363
341
319
297
275
253
231
209
187
165
143
121
99
77
55
33
11
474
452
430
408
386
364
342
320
298
276
254
232
210
188
166
144
122
100
78
56
34
12
475
453
431
409
387
365
343
321
299
277
255
233
211
189
167
145
123
101
79
57
35
13
476
454
432
410
388
366
344
322
300
278
256
234
212
190
168
146
124
102
80
58
36
14
477
455
433
411
389
367
345
323
301
279
257
235
213
191
169
147
125
103
81
59
37
15
478
456
434
412
390
368
346
324
302
280
258
236
214
192
170
148
126
104
82
60
38
16
479
457
435
413
391
369
347
325
303
281
259
237
215
193
171
149
127
105
83
61
39
17
480
458
436
414
392
370
348
326
304
282
260
238
216
194
172
150
128
106
84
62
40
18
481
459
437
415
393
371
349
327
305
283
261
239
217
195
173
151
129
107
85
63
41
19
482
460
438
416
394
372
350
328
306
284
262
240
218
196
174
152
130
108
86
64
42
20
Last
483
461
439
417
395
373
351
329
307
285
263
241
219
197
175
153
131
109
87
65
43
21
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3000 Low Power Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com