Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3000 Datasheet(PDF) 24 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 24 Page - Pixart Imaging Inc.

Back Button ADNS-3000 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 28Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
24
RUN_DOWNSHIFT
Address: 0x0e
Run to Rest1 Time Register
Access: Read/Write
Reset Value: 0x08
Bit
76543210
Field
RUD7
RUD6
RUD5
RUD4
RUD3
RUD2
RUD1
RUD0
Data Type: Eight bit number.
USAGE: This register sets the Run to Rest1 mode downshift time. The time is the value of this register multiply by 8 times
of position mode period.
Default downshift time = 8 * 8 * 4 = 256 ms
NOTE:
Writing into this register when the sensor itself is operating in this rest mode may result in unexpected behavior
of the sensor. To avoid this from happening, below commands should be incorporated prior and after the write
command into this register.
w 22 40  -> write 0x40H into register 0x22H prior to writing into this register
w 0e XX  -> writing into this register
w 22 00  -> write 0x00H into register 0x22H after writing into this register
REST1_PERIOD
Address: 0x0f
Rest1 Period Register
Access: Read/Write
Reset Value: 0x01
Bit
76543210
Field
RIP7
RIP6
RIP5
RIP4
RIP3
RIP2
RIP1
RIP0
Data Type: Eight bit number.
USAGE: This register sets the Rest1 period. Period = (register value R1P [7:0] +1) x 10 ms (typical slow clock period).
Min value for this register is 0x01. Max value is 0xFD.
NOTE:
Writing into this register when the sensor itself is operating in this rest mode may result in unexpected behavior
of the sensor. To avoid this from happening, below commands should be incorporated prior and after the write
command into this register.
w 22 40  -> write 0x40H into register 0x22H prior to writing into this register
w 0f XX  -> writing into this register
w 22 00  -> write 0x00H into register 0x22H after writing into this register
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3000 Low Power Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com