Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3000 Datasheet(PDF) 20 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 20 Page - Pixart Imaging Inc.

Back Button ADNS-3000 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 24Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
20
Figure 10. Mean squal vs. Z (White Paper)
SQUAL
Address: 0x05
Squal Quality Register
Access: Read
Reset Value: 0x00
Bit
76543210
Field
SQ7
SQ6
SQ5
SQ4
SQ3
SQ2
SQ1
SQ0
Data Type: Upper 8 bits of a 9-bit unsigned integer.
USAGE: SQUAL (Surface Quality) is a measure of the number of valid features visible by the sensor in the current
frame.
The maximum SQUAL register value is 180. Since small changes in the current frame can result in changes in
SQUAL, variations in SQUAL when looking at a surface are expected. The graph below shows 250 sequentially
acquired SQUAL values, while a sensor was moved slowly over white paper. SQUAL is nearly equal to zero,
if there is no surface below the sensor. SQUAL is typically maximized when the navigation surface is at the
optimum distance from the imaging lens (the nominal Z-height).
Figure 9. Squal values (white paper)
0
10
20
30
40
50
60
1
55
109
163 217 271 325 379 433 487 541 595
649 703 757 811 865
Count
Squal
Mean SQUAL vs Z
-10
0
10
20
30
40
50
60
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Delta from Nominal Focus (mm)
Avg-3sigma
Avg
Avg+3sigma
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3000 Low Power Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com