Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3000 Datasheet(PDF) 19 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 19 Page - Pixart Imaging Inc.

Back Button ADNS-3000 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 23Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19
DELTA_X
Address: 0x03
X Displacement Register
Access: Read
Reset Value: 0x00
Bit
76543210
Field
X7
X6
X5
X4
X3
X2
X1
X0
Data Type: Eight bit 2’s complement number.
USAGE: X-axis movement in counts since last report. Absolute value is determined by resolution. Reading this register
clears the content of this register.
00
01
02
7E
7F
+127
+126
+1
+2
FF
FE
81
80
0
-1
-2
-127
-128
Motion
Delta_X
NOTE:
PixArt RECOMMENDS that registers 0x03, 0x04 and 0x0c be read consecutively in 12-bit motion reporting.
DELTA_Y
Address: 0x04
Y Displacement Register
Access: Read
Reset Value: 0x00
Bit
76543210
Field
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Data Type: Eight bit 2’s complement number.
USAGE: Y-axis movement in counts since last report. Absolute value is determined by resolution. Reading this register
clears the content of this register.
00
01
02
7E
7F
+127
+126
+1
+2
FF
FE
81
80
0
-1
-2
-127
-128
Motion
Delta_Y
NOTE:
PixArt RECOMMENDS that registers 0x03, 0x04 and 0x0c be read consecutively in 12-bit motion reporting.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3000 Low Power Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com