Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3000 Datasheet(PDF) 28 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 28 Page - Pixart Imaging Inc.

Back Button ADNS-3000 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 30Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
28
LED_CTRL
Address: 0x40
LED Control Register
Access: Read/Write
Reset Value: 0x00
Bit
7
6543210
Field
RSVD
RSVD
RSVD
RSVD
LCOF
RSVD
RSVD
RSVD
Data Type: Eight bit unsigned integer.
USAGE: This register is used to control the LED operating mode.
Bit(s)
Field Name
Description
7:4
RSVD
Reserved
3LCOF
0 : Normal operation (default)
1 : LED Continuous Off
2:0
RSVD
Reserved
MOTION_CTRL
Address: 0x41
Motion Control Register
Access: Read/Write
Reset Value: 0x40
Bit
7
6543210
Field
MOT_A
MOT_S
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
Data Type: Eight bit unsigned integer.
USAGE: This register is used to set the feature of MOTION interrupt output. If MOT_S bit is clear, the MOTION pin is level-
sensitive. With active low (MOT_A bit is clear) level-sensitive configuration, the MOTION pin will be driven low
when there is motion detected indicating there is motion data in DELTA_X and DELTA_Y registers. The mouse
microcontroller can read MOTION_ST register, DELTA_X register, and then DELTA_Y register sequentially. After
all the motion data has been read, DELTA_X and DELTA_Y registers will be zero, the MOTION pin will be driven
high by the sensor.
If MOT_S is set, the MOTION pin is edge sensitive. If MOT_A is also set, it means active high or rising edge
triggered. Whenever there is motion detected by the sensor, a pulse (~380ns) will be sent out through this
pin. This pulse can be used to trigger or wake the controller up from its sleep mode to read motion data from
the sensor. The controller can then read MOTION_ST register, DELTA_X register, and then DELTA_Y register
sequentially. (Refer to Motion Function for more information).
Bit(s)
Field Name
Description
7
MOT_A
MOTION Active
0 : LOW (default)
1 : HIGH
6
MOT_S
MOTION Sensitivity
0 : Level sensitive
1 : Edge sensitive (default)
5:0
RSVD
Reserved
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3000 Low Power Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com