Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3000 Datasheet(PDF) 29 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 29 Page - Pixart Imaging Inc.

Back Button ADNS-3000 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 30Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
29
BURST_READ_FIRST
Address: 0x42
Burst Read Starting Address Register
Access: Read/Write
Reset Value: 0x03
Bit
7
6543210
Field
BM7
BM6
BM5
BM4
BM3
BM2
BM1
BM0
Data Type: Eight bit unsigned integer.
USAGE: This register provides the starting register address the sensor will read during Burst Mode. For more information,
refer to Burst Mode Operation.
REST_MODE_CONFIG
Address: 0x45
Rest Mode Configuration Register
Access: Read/Write
Reset Value: 0x00
Bit
7
6543210
Field
RM1
RM0
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
Data Type: Eight bit unsigned integer.
USAGE: This register is used to set the operating mode of the ADNS-3000.
Bit(s)
Field Name
Description
7:6
RM[1:0]
Sensor Operating Mode
0x00: Normal (default)
0x01: Rest 1
0x02: Rest 2
0x03: Rest 3
5:0
RSVD
Reserved
Read operation to REST_MODE_CONFIG indicates which mode the sensor is in. Write operation into this register
will force the sensor into rest modes (Rest 1, 2 or 3). Write the value 0x40 into 0x45 register to force sensor into
Rest 1, 0x80 to Rest 2 or 0xC0 to Rest 3. To get out of any forced rest mode, write 0x00 into this register to set
back to normal mode.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3000 Low Power Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com