Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3000 Datasheet(PDF) 26 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 26 Page - Pixart Imaging Inc.

Back Button ADNS-3000 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3000 Datasheet HTML 30Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
26
REST2_DOWNSHIFT
Address: 0x12
Rest2 to Rest3 Downshift Time Register
Access: Read/Write
Reset Value: 0x2f
Bit
76543210
Field
R2D7
R2D6
R2D5
R2D4
R2D3
R2D2
R2D1
R2D0
Data Type: Eight bit number.
USAGE: This register sets the Rest1 to Rest2 mode downshift time. Time = (register value R2D [7:0] ) x (Rest2 period) x
128. Min value for this register is 0x01.
NOTE:
Writing into this register when the sensor itself is operating in this rest mode may result in unexpected behavior
of the sensor. To avoid this from happening, below commands should be incorporated prior and after the write
command into this register.
w 22 40  -> write 0x40H into register 0x22H prior to writing into this register
w 12 XX  -> writing into this register
w 22 00  -> write 0x00H into register 0x22H after writing into this register
REST3_PERIOD
Address: 0x13
Rest3 Period Register
Access: Read/Write
Reset Value: 0x31
Bit
76543210
Field
R3P7
R3P6
R3P5
R3P4
R3P3
R3P2
R3P1
R3P0
Data Type: Eight bit number.
USAGE: This register sets the Rest3 period. Period = (register value R3P [7:0] +1) x 10 ms (typical slow clock period).
Min value for this register is 0x01. Max value is 0xFD.
NOTE:
Writing into this register when the sensor itself is operating in this rest mode may result in unexpected behavior
of the sensor. To avoid this from happening, below commands should be incorporated prior and after the write
command into this register.
w 22 40  -> write 0x40H into register 0x22H prior to writing into this register
w 13 XX  -> writing into this register
w 22 00  -> write 0x00H into register 0x22H after writing into this register
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3000 Low Power Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com