Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVVALFB Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVVALFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVVALFB Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVVALFB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
23
Ethernet: Three-Speed Ethernet, MII Management
7.2
DUART AC Electrical Specifications
Table 22 provides the AC timing parameters for the DUART interface of the MPC8347EA.
8
Ethernet: Three-Speed Ethernet, MII Management
This section provides the AC and DC electrical characteristics for three-speeds (10/100/1000 Mbps) and
MII management.
8.1
Three-Speed Ethernet Controller
(TSEC)—GMII/MII/TBI/RGMII/RTBI Electrical Characteristics
The electrical characteristics specified here apply to gigabit media independent interface (GMII), the
media independent interface (MII), ten-bit interface (TBI), reduced gigabit media independent
interface (RGMII), and reduced ten-bit interface (RTBI) signals except management data input/output
(MDIO) and management data clock (MDC). The MII, GMII, and TBI interfaces are defined for 3.3 V,
and the RGMII and RTBI interfaces are defined for 2.5 V. The RGMII and RTBI interfaces follow the
Hewlett-Packard Reduced Pin-Count Interface for Gigabit Ethernet Physical Layer Device Specification,
Version 1.2a (9/22/2000). The electrical characteristics for MDIO and MDC are specified in Section 8.3,
“Ethernet Management Interface Electrical Characteristics.”
High-level output voltage, IOH = –100 μAVOH
OVDD – 0.2
—
V
Low-level output voltage, IOL = 100 μAVOL
—0.2
V
Table 22. DUART AC Timing Specifications
Parameter
Value
Unit
Notes
Minimum baud rate
256
baud
—
Maximum baud rate
> 1,000,000
baud
1
Oversample rate
16
—
2
Notes:
1. Actual attainable baud rate will be limited by the latency of interrupt processing.
2. The middle of a start bit is detected as the 8th sampled 0 after the 1-to-0 transition of the start bit. Subsequent bit values are
sampled each 16th sample.
Table 21. DUART DC Electrical Characteristics (continued)
Parameter
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com