Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVVALFB Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVVALFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVVALFB Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVVALFB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
7
Electrical Characteristics
2.1.1
Absolute Maximum Ratings
Table 1 provides the absolute maximum ratings.
Table 1. Absolute Maximum Ratings1
Parameter
Symbol
Max Value
Unit
Notes
Core supply voltage
VDD
–0.3 to 1.32 (1.36 max
for 667-MHz core
frequency)
V—
PLL supply voltage
AVDD
–0.3 to 1.32 (1.36 max
for 667-MHz core
frequency)
V—
DDR and DDR2 DRAM I/O voltage
GVDD
–0.3 to 2.75
–0.3 to 1.98
V—
Three-speed Ethernet I/O, MII management voltage
LVDD
–0.3 to 3.63
V
—
PCI, local bus, DUART, system control and power management, I2C,
and JTAG I/O voltage
OVDD
–0.3 to 3.63
V
—
Input voltage
DDR DRAM signals
MVIN
–0.3 to (GVDD + 0.3)
V
2, 5
DDR DRAM reference
MVREF
–0.3 to (GVDD + 0.3)
V
2, 5
Three-speed Ethernet signals
LVIN
–0.3 to (LVDD + 0.3)
V
4, 5
Local bus, DUART, CLKIN, system control and
power management, I2C, and JTAG signals
OVIN
–0.3 to (OVDD + 0.3)
V
3, 5
PCI
OVIN
–0.3 to (OVDD + 0.3)
V
6
Storage temperature range
TSTG
–55 to 150
°C—
Notes:
1 Functional and tested operating conditions are given in Table 2. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2 Caution: MV
IN must not exceed GVDD by more than 0.3 V. This limit can be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
3 Caution: OV
IN must not exceed OVDD by more than 0.3 V. This limit can be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
4 Caution: LV
IN must not exceed LVDD by more than 0.3 V. This limit can be exceeded for a maximum of 20 ms during power-on
reset and power-down sequences.
5 (M,L,O)V
IN and MVREF may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.
6 OVIN on the PCI interface can overshoot/undershoot according to the PCI Electrical Specification for 3.3-V operation, as
shown in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com