Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVVALFB Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVVALFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVVALFB Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8347ECVVALFB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
3
Overview
— Up to four physical banks (chip selects), each bank up to 1 Gbyte independently addressable
— DRAM chip configurations from 64 Mbits to 1 Gbit with ×8/×16 data ports
— Full error checking and correction (ECC) support
— Support for up to 16 simultaneous open pages (up to 32 pages for DDR2)
— Contiguous or discontiguous memory mapping
— Read-modify-write support
— Sleep-mode support for SDRAM self refresh
— Auto refresh
— On-the-fly power management using CKE
— Registered DIMM support
— 2.5-V SSTL2 compatible I/O for DDR1, 1.8-V SSTL2 compatible I/O for DDR2
•
Dual three-speed (10/100/1000) Ethernet controllers (TSECs)
— Dual controllers designed to comply with IEEE 802.3™, 802.3u™, 820.3x™, 802.3z™,
802.3ac™ standards
— Ethernet physical interfaces:
– 1000 Mbps IEEE Std. 802.3 GMII/RGMII, IEEE Std. 802.3z TBI/RTBI, full-duplex
– 10/100 Mbps IEEE Std. 802.3 MII full- and half-duplex
— Buffer descriptors are backward-compatible with MPC8260 and MPC860T 10/100
programming models
— 9.6-Kbyte jumbo frame support
— RMON statistics support
— Internal 2-Kbyte transmit and 2-Kbyte receive FIFOs per TSEC module
— MII management interface for control and status
— Programmable CRC generation and checking
•
PCI interface
— Designed to comply with PCI Specification Revision 2.3
— Data bus width:
–
32-bit data PCI interface operating at up to 66 MHz
— PCI 3.3-V compatible
— PCI host bridge capabilities
— PCI agent mode on PCI interface
— PCI-to-memory and memory-to-PCI streaming
— Memory prefetching of PCI read accesses and support for delayed read transactions
— Posting of processor-to-PCI and PCI-to-memory writes
— On-chip arbitration supporting five masters on PCI
— Accesses to all PCI address spaces
— Parity supported
— Selectable hardware-enforced coherency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com