Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVVALFB Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVVALFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVVALFB Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVVALFB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
69
Package and Pin Listings
MRAS
AF7
O
GVDD
—
MCAS
AG6
O
GVDD
—
MCS[0:3]
AE7, AH7, AH4, AF2
O
GVDD
—
MCKE[0:1]
AG23, AH23
O
GVDD
3
MCK[0:5]
AH15, AE24, AE2, AF14, AE23, AD3
O
GVDD
—
MCK[0:5]
AG15, AD23, AE3, AG14, AF24, AD2
O
GVDD
—
MODT[0:3]
AG5, AD4, AH6, AF4
O
GVDD
—
MBA[2]
AD22
O
GVDD
—
MDIC0
AG11
I/O
—
9
MDIC1
AF12
I/O
—
9
Local Bus Controller Interface
LAD[0:31]
T4, T5, T1, R2, R3, T2, R1, R4, P1, P2,
P3, P4, N1, N4, N2, N3, M1, M2, M3,
N5, M4, L1, L2, L3, K1, M5, K2, K3, J1,
J2, L5, J3
I/O
OVDD
—
LDP[0]/CKSTOP_OUT
H1
I/O
OVDD
—
LDP[1]/CKSTOP_IN
K5
I/O
OVDD
—
LDP[2]/LCS[4]
H2
I/O
OVDD
—
LDP[3]/LCS[5]
G1
I/O
OVDD
—
LA[27:31]
J4, H3, G2, F1, G3
O
OVDD
—
LCS[0:3]
J5, H4, F2, E1
O
OVDD
—
LWE[0:3]/LSDDQM[0:3]/LBS[0:3]
F3, G4, D1, E2
O
OVDD
—
LBCTL
H5
O
OVDD
—
LALE
E3
O
OVDD
—
LGPL0/LSDA10/cfg_reset_source0
F4
I/O
OVDD
—
LGPL1/LSDWE/cfg_reset_source1
D2
I/O
OVDD
—
LGPL2/LSDRAS/LOE
C1
O
OVDD
—
LGPL3/LSDCAS/cfg_reset_source2
C2
I/O
OVDD
—
LGPL4/LGTA/LUPWAIT/LPBSE
C3
I/O
OVDD
12
LGPL5/cfg_clkin_div
B3
I/O
OVDD
—
LCKE
E4
O
OVDD
—
LCLK[0:2]
D4, A3, C4
O
OVDD
—
LSYNC_OUT
U3
O
OVDD
—
LSYNC_IN
Y2
I
OVDD
—
Table 56. MPC8347EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com