Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVVALFB Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVVALFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVVALFB Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVVALFB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
78
Freescale Semiconductor
Clocking
Addressed by This Document,” for part ordering details and contact your Freescale Sales Representative
or authorized distributor for more information.
Table 59 provides the operating frequencies for the MPC8347EA PBGA under recommended operating
conditions.
Table 58. Operating Frequencies for TBGA
Characteristic1
1 The CLKIN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen so that the resulting csb_clk, MCLK,
LCLK[0:2], and core_clk frequencies do not exceed their respective maximum or minimum operating frequencies. The value
of SCCR[ENCCM], SCCR[USBDRCM], and SCCR[USBMPHCM] must be programmed so that the maximum internal
operating frequency of the Security core and USB modules does not exceed the respective values listed in this table.
400 MHz
533 MHz
667 MHz
Unit
e300 core frequency (core_clk)
266–400
266–533
266–667
MHz
Coherent system bus frequency (csb_clk)
100–266
100–333
100–333
MHz
DDR1 memory bus frequency (MCK)2
2 The DDR data rate is 2x the DDR memory bus frequency.
100–133
100–133
100–166.67
MHz
DDR2 memory bus frequency (MCK)3
3 The DDR data rate is 2x the DDR memory bus frequency.
100–133
100–200
100–200
MHz
Local bus frequency (LCLKn)4
4 The local bus frequency is 1/2, 1/4, or 1/8 of the lbiu_clk frequency (depending on LCCR[CLKDIV]) which is in turn 1x or 2x
the csb_clk frequency (depending on RCWL[LBIUCM]).
16.67–133
16.67–133
16.67–133
MHz
PCI input frequency (CLKIN or PCI_CLK)
25–66
25–66
25–66
MHz
Security core maximum internal operating frequency
133
133
166
MHz
USB_DR, USB_MPH maximum internal operating
frequency
133
133
166
MHz
Table 59. Operating Frequencies for PBGA
Parameter1
1 The CLKIN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen so that the resulting csb_clk, MCLK,
LCLK[0:2], and core_clk frequencies do not exceed their respective maximum or minimum operating frequencies. The value
of SCCR[ENCCM], SCCR[USBDRCM], and SCCR[USBMPHCM] must be programmed so that the maximum internal
operating frequency of the Security core and USB modules does not exceed the respective values listed in this table.
266 MHz
333 MHz
400 MHz
Unit
e300 core frequency (core_clk)
200–266
200–333
200–400
MHz
Coherent system bus frequency (csb_clk)
100–266
MHz
DDR1 memory bus frequency (MCK)2
2 The DDR data rate is 2× the DDR memory bus frequency.
100–133
MHz
DDR2 memory bus frequency (MCK)3
100–133
MHz
Local bus frequency (LCLKn)4
16.67–133
MHz
PCI input frequency (CLKIN or PCI_CLK)
25–66
MHz
Security core maximum internal operating frequency
133
MHz
USB_DR, USB_MPH maximum internal operating
frequency
133
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com