Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVVALFB Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVVALFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVVALFB Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVVALFB Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 99Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 95 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
95
Ordering Information
parts including extended temperatures, refer to the device product summary page on our website listed on
the back cover of this document or, contact your local Freescale sales office.
Table 71 shows the SVR settings by device and package type.
Table 70. Part Numbering Nomenclature
MPC
nnnn
e
t
pp
aa
a
r
Product
Code
Part
Identifier
Encryption
Acceleration
Temperature1
Range
Package2
Processor
Frequency3
Platform
Frequency
Revision
Level
MPC
8347
Blank = Not
included
E = included
Blank = 0 to 105
°C
C = –40 to 105
°C
ZU =TBGA
VV = PB free TBGA
ZQ = PBGA
VR = PB Free PBGA
e300 core
speed
AD = 266
AG = 400
AJ = 533
AL = 667
D = 266
F = 3334
B = 3.1
Notes:
1. For temperature range = C, processor frequency is limited to 400 (PBGA) with a platform frequency of 266 and up to 533
(TBGA) with a platform frequency of 333
2. See Section 18, “Package and Pin Listings,” for more information on available package types.
3. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by Part Number Specifications may support other
maximum core frequencies.
4. ALF marked parts support DDR1 data rate up to 333 MHz (at 333 MHz CSB as the 'F' marking implies) and DDR2 data rate
up to 400 MHz (at 200 MHz CSB). AJF marked parts support DDR1 and DDR2 data rate up to 333 MHz (at a CSB of 333
MHz).
Table 71. SVR Settings
Device
Package
SVR (Rev. 3.0)
MPC8347EA
TBGA
8052_0030
MPC8347A
TBGA
8053_0030
MPC8347EA
PBGA
8054_0030
MPC8347A
PBGA
8055_0030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com