Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVVALFB Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVVALFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVVALFB Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVVALFB Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
88
Freescale Semiconductor
Thermal
Table 67 and Table 68 show heat sink thermal resistance for TBGA and PBGA of the MPC8347EA.
f
Table 67. Heat Sink and Thermal Resistance of MPC8347EA (TBGA)
Heat Sink Assuming Thermal Grease
Air Flow
35
× 35 mm TBGA
Thermal Resistance
AAVID 30
× 30 × 9.4 mm pin fin
Natural convection
10
AAVID 30
× 30 × 9.4 mm pin fin
1 m/s
6.5
AAVID 30
× 30 × 9.4 mm pin fin
2 m/s
5.6
AAVID 31
× 35 × 23 mm pin fin
Natural convection
8.4
AAVID 31
× 35 × 23 mm pin fin
1 m/s
4.7
AAVID 31
× 35 × 23 mm pin fin
2 m/s
4
Wakefield, 53
× 53 × 25 mm pin fin
Natural convection
5.7
Wakefield, 53
× 53 × 25 mm pin fin
1 m/s
3.5
Wakefield, 53
× 53 × 25 mm pin fin
2 m/s
2.7
MEI, 75
× 85 × 12 no adjacent board, extrusion
Natural convection
6.7
MEI, 75
× 85 × 12 no adjacent board, extrusion
1 m/s
4.1
MEI, 75
× 85 × 12 no adjacent board, extrusion
2 m/s
2.8
MEI, 75
× 85 × 12 mm, adjacent board, 40 mm side bypass
1 m/s
3.1
Table 68. Heat Sink and Thermal Resistance of MPC8347EA (PBGA)
Heat Sink Assuming Thermal Grease
Air Flow
29
× 29 mm PBGA
Thermal Resistance
AAVID 30
× 30 × 9.4 mm pin fin
Natural convection
13.5
AAVID 30
× 30 × 9.4 mm pin fin
1 m/s
9.6
AAVID 30
× 30 × 9.4 mm pin fin
2 m/s
8.8
AAVID 31
× 35 × 23 mm pin fin
Natural convection
11.3
AAVID 31
× 35 × 23 mm pin fin
1 m/s
8.1
AAVID 31
× 35 × 23 mm pin fin
2 m/s
7.5
Wakefield, 53
× 53 × 25 mm pin fin
Natural convection
9.1
Wakefield, 53
× 53 × 25 mm pin fin
1 m/s
7.1
Wakefield, 53
× 53 × 25 mm pin fin
2 m/s
6.5
MEI, 75
× 85 × 12 no adjacent board, extrusion
Natural convection
10.1
MEI, 75
× 85 × 12 no adjacent board, extrusion
1 m/s
7.7
MEI, 75
× 85 × 12 no adjacent board, extrusion
2 m/s
6.6
MEI, 75
× 85 × 12 mm, adjacent board, 40 mm side bypass
1 m/s
6.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com