Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVVALFB Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVVALFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVVALFB Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8347ECVVALFB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
2
Freescale Semiconductor
Overview
NOTE
The information in this document is accurate for revision 3.x silicon and
later (in other words, for orderable part numbers ending in A or B). For
information on revision 1.1 silicon and earlier versions, see the MPC8347E
PowerQUICC II Pro Integrated Host Processor Hardware Specifications.
See Section 22.1, “Part Numbers Fully Addressed by This Document,” for
silicon revision level determination.
1
Overview
This section provides a high-level overview of the device features. Figure 1 shows the major functional
units within the MPC8347EA.
Figure 1. MPC8347EA Block Diagram
Major features of the device are as follows:
•
Embedded PowerPC e300 processor core; operates at up to 667 MHz
— High-performance, superscalar processor core
— Floating-point, integer, load/store, system register, and branch processing units
— 32-Kbyte instruction cache, 32-Kbyte data cache
— Lockable portion of L1 cache
— Dynamic power management
— Software-compatible with the other Freescale processor families that implement Power
Architecture technology
•
Double data rate, DDR1/DDR2 SDRAM memory controller
— Programmable timing supporting DDR1 and DDR2 SDRAM
— 32- or 64-bit data interface, up to 400 MHz data rate for TBGA, 266 MHz for PBGA
DUART
Dual I2C
Timers
GPIO
Security
Interrupt
Controller
Dual
Role
High-Speed
Local Bus
DDR
SDRAM
Controller
Host
32KB
D-Cache
e300 Core
32KB
I-Cache
USB 2.0
10/100/1000
SEQ
PCI
DMA
Ethernet
10/100/1000
Ethernet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com