Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVVALFB Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVVALFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVVALFB Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVVALFB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
52
Freescale Semiconductor
IPIC
16 IPIC
This section describes the DC and AC electrical specifications for the external interrupt pins.
16.1
IPIC DC Electrical Characteristics
Table 51 provides the DC electrical characteristics for the external interrupt pins.
16.2
IPIC AC Timing Specifications
Table 52 provides the IPIC input and output AC timing specifications.
17 SPI
This section describes the SPI DC and AC electrical specifications.
17.1
SPI DC Electrical Characteristics
Table 53 provides the SPI DC electrical characteristics.
Table 51. IPIC DC Electrical Characteristics1
Parameter
Symbol
Condition
Min
Max
Unit
Notes
Input high voltage
VIH
—2.0
OVDD +0.3
V
—
Input low voltage
VIL
—–0.3
0.8
V
—
Input current
IIN
——
±5
μA—
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
2
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
2
Notes:
1. This table applies for pins IRQ[0:7], IRQ_OUT, and MCP_OUT.
2. IRQ_OUT and MCP_OUT are open-drain pins; thus VOH is not relevant for those pins.
Table 52. IPIC Input AC Timing Specifications1
Parameter
Symbol2
Min
Unit
IPIC inputs—minimum pulse width
tPICWID
20
ns
Notes:
1. Input specifications are measured at the 50 percent level of the IPIC input signals. Timings are measured at the pin.
2. IPIC inputs and outputs are asynchronous to any visible clock. IPIC outputs should be synchronized before use by external
synchronous logic. IPIC inputs must be valid for at least tPICWID ns to ensure proper operation in edge triggered mode.
Table 53. SPI DC Electrical Characteristics
Parameter
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—2.0
OVDD +0.3
V
Input low voltage
VIL
—–0.3
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com