Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVVALFB Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVVALFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVVALFB Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVVALFB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
53
SPI
17.2
SPI AC Timing Specifications
Table 54 provides the SPI input and output AC timing specifications.
Figure 37 provides the AC test load for the SPI.
Figure 37. SPI AC Test Load
Input current
IIN
——
±5
μA
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Table 54. SPI AC Timing Specifications1
Parameter
Symbol2
Min
Max
Unit
SPI outputs valid—Master mode (internal clock) delay
tNIKHOV
—6
ns
SPI outputs hold—Master mode (internal clock) delay
tNIKHOX
0.5
—
ns
SPI outputs valid—Slave mode (external clock) delay
tNEKHOV
—8
ns
SPI outputs hold—Slave mode (external clock) delay
tNEKHOX
2—
ns
SPI inputs—Master mode (internal clock input setup time
tNIIVKH
4—
ns
SPI inputs—Master mode (internal clock input hold time
tNIIXKH
0—
ns
SPI inputs—Slave mode (external clock) input setup time
tNEIVKH
4—
ns
SPI inputs—Slave mode (external clock) input hold time
tNEIXKH
2—
ns
Notes:
1. Output specifications are measured from the 50 percent level of the rising edge of CLKIN to the 50 percent level of the signal.
Timings are measured at the pin.
2. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tNIKHOX symbolizes the internal timing
(NI) for the time SPICLK clock reference (K) goes to the high state (H) until outputs (O) are invalid (X).
Table 53. SPI DC Electrical Characteristics (continued)
Parameter
Symbol
Condition
Min
Max
Unit
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com