Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVVALFB Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVVALFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVVALFB Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVVALFB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
15
RESET Initialization
5.2
RESET AC Electrical Characteristics
Table 10 provides the reset initialization AC timing specifications of the MPC8347EA.
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Notes:
1. This table applies for pins PORESET, HRESET, SRESET, and QUIESCE.
2. HRESET and SRESET are open drain pins, thus VOH is not relevant for those pins.
Table 10. RESET Initialization Timing Specifications
Parameter
Min
Max
Unit
Notes
Required assertion time of HRESET or SRESET (input) to activate reset flow
32
—
tPCI_SYNC_IN
1
Required assertion time of PORESET with stable clock applied to CLKIN when the
MPC8347EA is in PCI host mode
32
—
tCLKIN
2
Required assertion time of PORESET with stable clock applied to PCI_SYNC_IN
when the MPC8347EA is in PCI agent mode
32
—
tPCI_SYNC_IN
1
HRESET/SRESET assertion (output)
512
—
tPCI_SYNC_IN
1
HRESET negation to SRESET negation (output)
16
—
tPCI_SYNC_IN
1
Input setup time for POR configuration signals (CFG_RESET_SOURCE[0:2] and
CFG_CLKIN_DIV) with respect to negation of PORESET when the MPC8347EA is
in PCI host mode
4—
tCLKIN
2
Input setup time for POR configuration signals (CFG_RESET_SOURCE[0:2] and
CFG_CLKIN_DIV) with respect to negation of PORESET when the MPC8347EA is
in PCI agent mode
4—
tPCI_SYNC_IN
1
Input hold time for POR configuration signals with respect to negation of HRESET
0—
ns
—
Time for the MPC8347EA to turn off POR configuration signals with respect to the
assertion of HRESET
—4
ns
3
Time for the MPC8347EA to turn on POR configuration signals with respect to the
negation of HRESET
1—
tPCI_SYNC_IN
1, 3
Notes:
1. tPCI_SYNC_IN is the clock period of the input clock applied to PCI_SYNC_IN. In PCI host mode, the primary clock is applied
to the CLKIN input, and PCI_SYNC_IN period depends on the value of CFG_CLKIN_DIV. See the MPC8349EA
PowerQUICC II Pro Integrated Host Processor Family Reference Manual.
2. tCLKIN is the clock period of the input clock applied to CLKIN. It is valid only in PCI host mode. See the MPC8349EA
PowerQUICC II Pro Integrated Host Processor Family Reference Manual.
3. POR configuration signals consist of CFG_RESET_SOURCE[0:2] and CFG_CLKIN_DIV.
Table 9. RESET Pins DC Electrical Characteristics1 (continued)
Parameter
Symbol
Condition
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com