Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVVALFB Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVVALFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVVALFB Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVVALFB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
57
Package and Pin Listings
18.3
Package Parameters for the MPC8347EA PBGA
The package parameters are as provided in the following list. The package type is 29 mm
× 29 mm,
620 plastic ball grid array (PBGA).
Package outline
29 mm
× 29 mm
Interconnects
620
Pitch
1.00 mm
Module height (maximum)
2.46 mm
Module height (typical)
2.23 mm
Module height (minimum)
2.00 mm
Solder balls
62 Sn/36 Pb/2 Ag (ZQ package)
96.5 Sn/3.5Ag (VR package)
Ball diameter (typical)
0.60 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com