Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVVALFB Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVVALFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVVALFB Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVVALFB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
59
Package and Pin Listings
18.5
Pinout Listings
Table 55 provides the pinout listing for the MPC8347EA, 672 TBGA package.
Table 55. MPC8347EA (TBGA) Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
PCI
PCI_INTA/IRQ_OUT
B34
O
OVDD
2
PCI_RESET_OUT
C33
O
OVDD
—
PCI_AD[31:0]
G30, G32, G34, H31, H32, H33, H34,
J29, J32, J33, L30, K31, K33, K34,
L33, L34, P34, R29, R30, R33, R34,
T31, T32, T33, U31, U34, V31, V32,
V33, V34, W33, W34
I/O
OVDD
—
PCI_C/BE[3:0]
J30, M31, P33, T34
I/O
OVDD
—
PCI_PAR
P32
I/O
OVDD
—
PCI_FRAME
M32
I/O
OVDD
5
PCI_TRDY
N29
I/O
OVDD
5
PCI_IRDY
M34
I/O
OVDD
5
PCI_STOP
N31
I/O
OVDD
5
PCI_DEVSEL
N30
I/O
OVDD
5
PCI_IDSEL
J31
I
OVDD
—
PCI_SERR
N34
I/O
OVDD
5
PCI_PERR
N33
I/O
OVDD
5
PCI_REQ[0]
D32
I/O
OVDD
—
PCI_REQ[1]/CPCI1_HS_ES
D34
I
OVDD
—
PCI_REQ[2:4]
E34, F32, G29
I
OVDD
—
PCI_GNT0
C34
I/O
OVDD
—
PCI_GNT1/CPCI1_HS_LED
D33
O
OVDD
—
PCI_GNT2/CPCI1_HS_ENUM
E33
O
OVDD
—
PCI_GNT[3:4]
F31, F33
O
OVDD
—
M66EN
A19
I
OVDD
—
DDR SDRAM Memory Interface
MDQ[0:63]
D5, A3, C3, D3, C4, B3, C2, D4, D2,
E5, G2, H6, E4, F3, G4, G3, H1, J2,
L6, M6, H2, K6, L2, M4, N2, P4, R2,
T4, P6, P3, R1, T2, AB5, AA3, AD6,
AE4, AB4, AC2, AD3, AE6, AE3, AG4,
AK5, AK4, AE2, AG6, AK3, AK2, AL2,
AL1, AM5, AP5, AM2, AN1, AP4, AN5,
AJ7, AN7, AM8, AJ9, AP6, AL7, AL9,
AN8
I/O
GVDD
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com